Electronic Components Datasheet Search
  English  ▼

X  

BBA02 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BBA02
Description  40-6000 MHz BroadBand AMP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA02 Datasheet(HTML) 3 Page - BeRex Corporation

  BBA02 Datasheet HTML 1Page - BeRex Corporation BBA02 Datasheet HTML 2Page - BeRex Corporation BBA02 Datasheet HTML 3Page - BeRex Corporation BBA02 Datasheet HTML 4Page - BeRex Corporation BBA02 Datasheet HTML 5Page - BeRex Corporation BBA02 Datasheet HTML 6Page - BeRex Corporation BBA02 Datasheet HTML 7Page - BeRex Corporation BBA02 Datasheet HTML 8Page - BeRex Corporation BBA02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
40-6000 MHz BroadBand AMP
BBA02
Rev. A
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2017 BeRex
S-Parameter
(Vdevice = 5.0V, Id = 90mA, T = 25 °C, calibrated to device leads)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
200
0.14
-170.15
7.19
169.48
0.08
-1.01
0.16
-179.43
400
0.14
-177.24
7.14
162.04
0.08
-4.60
0.16
169.63
600
0.14
-179.99
7.06
154.54
0.08
-9.60
0.16
162.73
800
0.14
177.91
6.97
146.71
0.08
-11.42
0.15
156.67
1000
0.15
176.82
6.92
138.79
0.08
-14.55
0.14
153.22
1200
0.15
177.44
6.84
131.10
0.08
-18.57
0.13
151.36
1400
0.15
178.31
6.76
123.08
0.08
-20.91
0.12
151.08
1600
0.15
178.69
6.63
115.11
0.08
-24.45
0.10
152.42
1800
0.15
-179.51
6.52
107.46
0.08
-28.28
0.09
154.44
2000
0.16
-177.38
6.39
99.93
0.08
-30.82
0.07
161.01
2200
0.16
-176.14
6.28
92.37
0.08
-34.42
0.06
172.25
2400
0.17
-174.87
6.15
84.97
0.08
-38.64
0.05
-169.97
2600
0.18
-174.25
6.04
77.38
0.08
-42.04
0.05
-153.65
2800
0.19
-174.95
5.93
70.39
0.08
-45.17
0.05
-136.86
3000
0.20
-176.72
5.81
63.35
0.08
-47.92
0.06
-131.05
3200
0.21
-179.38
5.72
56.33
0.08
-52.23
0.07
-131.39
3400
0.22
176.96
5.65
49.47
0.08
-55.10
0.08
-135.53
3600
0.22
172.96
5.55
42.51
0.08
-59.71
0.09
-142.84
3800
0.22
168.92
5.50
35.57
0.08
-63.76
0.11
-151.12
4000
0.23
163.77
5.44
28.42
0.08
-67.82
0.13
-160.09
4200
0.23
158.90
5.39
21.30
0.08
-71.72
0.15
-168.43
4400
0.23
153.33
5.35
14.14
0.08
-75.21
0.17
-175.54
4600
0.24
149.12
5.27
6.54
0.08
-81.75
0.19
177.88
4800
0.24
143.52
5.18
-0.33
0.08
-85.58
0.21
172.31
5000
0.25
139.31
5.13
-7.35
0.08
-90.42
0.22
168.12
5200
0.25
134.61
5.04
-14.02
0.08
-94.68
0.23
164.59
5400
0.25
130.73
5.09
-21.43
0.08
-100.09
0.24
161.97
5600
0.26
127.28
5.11
-28.92
0.08
-107.41
0.25
159.73
5800
0.25
124.12
5.11
-36.66
0.08
-112.75
0.25
158.70
6000
0.25
119.61
5.12
-44.81
0.08
-120.32
0.25
157.47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com