Electronic Components Datasheet Search
  English  ▼

X  

X46402 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X46402
Description  Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X46402 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X46402 Datasheet HTML 9Page - Xicor Inc. X46402 Datasheet HTML 10Page - Xicor Inc. X46402 Datasheet HTML 11Page - Xicor Inc. X46402 Datasheet HTML 12Page - Xicor Inc. X46402 Datasheet HTML 13Page - Xicor Inc. X46402 Datasheet HTML 14Page - Xicor Inc. X46402 Datasheet HTML 15Page - Xicor Inc. X46402 Datasheet HTML 16Page - Xicor Inc. X46402 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
X46402
Preliminary Information
13
No-Password Sequential Read
The host can read sequentially within the un-protected
area of the array after receiving the No-password Com-
mand and an address within the unprotected address
space. The data output is sequential, with the data from
address n followed by the data from n+1. The address
counter for read operations increments all address bits,
allowing the entire un-protected memory array contents
to be serially read during one operation. At the end of the
address space (address 1FFFh) the device goes into an
idle state and a new read sequence must be initiated to
continue reading at another address. Refer to Figure 16
for
the
address,
acknowledge
and
data
transfer
sequence. An acknowledge must follow each 8-bit data
transfer. After the last bit has been read, the host sends a
stop condition with or without a preceding acknowledge.
COMBINED RANDOM/SEQUENTIAL OPERATIONS
A random read and sequential read can be combined,
however there are some limitations. Both password pro-
tected or non-password operations operate in the same
way. After sending a random read command and reading
the first byte, continued clocks will return successive
addresses. However, after more than one byte of data is
returned, it is not possible to initiate a new random read,
without issuing a stop and starting a new command. This
also allows multiple random read operations and a
sequential read operation, as long as the last operation is
sequential. Note: A read operation that includes a
random read of the last byte in the memory or OTP
arrays cannot include a sequential read operation.
Figure 13. Password Protected Random Read
Figure 14. Password Protected Sequential Read
S
Data 0
S
COMMAND
Read
Password
7
Read
Password
0
S
SDA
Data 0
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
If ACK, then
Password Matches
Password
Data X
S
COMMAND
Read
Password
7
Read
Password
0
S
SDA
Data 0
If ACK, then
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
Password Matches
Password



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com