Electronic Components Datasheet Search
  English  ▼

X  

X46402 Datasheet(PDF) 21 Page - Xicor Inc.

Part # X46402
Description  Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X46402 Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X46402 Datasheet HTML 15Page - Xicor Inc. X46402 Datasheet HTML 16Page - Xicor Inc. X46402 Datasheet HTML 17Page - Xicor Inc. X46402 Datasheet HTML 18Page - Xicor Inc. X46402 Datasheet HTML 19Page - Xicor Inc. X46402 Datasheet HTML 20Page - Xicor Inc. X46402 Datasheet HTML 21Page - Xicor Inc. X46402 Datasheet HTML 22Page - Xicor Inc. X46402 Datasheet HTML 23Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
X46402
Preliminary Information
21
RESET Output Timing
Symbol
Parameter
Min.
Typ.
Max.
Units
tWDO
Watchdog Timeout Period,
WD2 = 0, WD1 = 1, WD0 = 0
WD2 = 0, WD1 = 0, WD0 = 1
WD2 = 0, WD1 = 0, WD0 = 0
WD2 = 1, WD1 = 1, WD0 = 1
WD2 = 1, WD1 = 1, WD0 = 0
WD2 = 1, WD1 = 0, WD0 = 1
WD2 = 1, WD1 = 0, WD0 = 0
75
225
0.5
2.5
5
10
30
150
450
1
5
10
20
60
225
675
1.5
7.5
15
30
90
ms
ms
sec
sec
sec
sec
sec
tWDR
SDA LOW duration (Reset the Watchdog)
400
ns
tRST
Reset Timeout
75
150
225
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com