Electronic Components Datasheet Search
  English  ▼

X  

XC6404 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6404
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6404 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6404 Datasheet HTML 9Page - Torex Semiconductor XC6404 Datasheet HTML 10Page - Torex Semiconductor XC6404 Datasheet HTML 11Page - Torex Semiconductor XC6404 Datasheet HTML 12Page - Torex Semiconductor XC6404 Datasheet HTML 13Page - Torex Semiconductor XC6404 Datasheet HTML 14Page - Torex Semiconductor XC6404 Datasheet HTML 15Page - Torex Semiconductor XC6404 Datasheet HTML 16Page - Torex Semiconductor XC6404 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
XC6404 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ELECTRICAL CHARACTERISTICS (Continued)
XC6404 EV / EX Series
Ta=25
OC
(NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V
(NOTE 2) VROUT(T)=Specified VR Output Voltage
(NOTE 4) Vdif={VIN1
(NOTE6)-VROUT1(NOTE5)}
(NOTE 5) A voltage equal to 98% of the VR Output Voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input.
(NOTE 6) VIN1=The Input Voltage when VOUT1, which appears as Input Voltage is gradually decreased.
(NOTE 7) VDF (T) : Specified Detect Voltage value
(NOTE 8) VDF (E) : Actual Detect Voltage value. Refer to the E-0 chart on page 15 for VDF(T) less than 1.5V.
(NOTE 9) VD Output Current = Sink Current during detection.
When VROUT<1.75V, IROUT=10mA
(NOTE 3) VOUT(E)=Actual VR Output Voltage.
(i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value).
MIN
TYP
MAX
PARAMETER
SYMBOL
CONDITIONS
UNITS
CIRCUIT
VR Output Voltage
VROUT(E)
IROUT=30mA
x 0.98
VROUT(T)
x 1.02
V
1
VR Maximum Output Current
(0.9 ~ 2.4V product)
IROUTMAX
VIN=VROUT(T)+2.0V
400
-
-
mA
1
VR Maximum Output Current
(2.5 ~ 4.9V product)
IROUTMAX
VIN=VROUT(T)+2.0V,
When VROUT(T)>4.0V, VIN=6.0V
500
-
-
mA
1
VR Load Regulation
∆VROUT
1mA<IROUT<100mA
-15
50
mV
1
VR Dropout Voltage
Vdif1
IROUT=30mA
E-1 (page 15)
mV
1
Vdif2
IROUT=100mA
E-2 (page 15)
mV
1
Supply Current
(EV / EX Series)
IDD
VIN=VROUT(T)+1.0V,
When VROUT<0.9V, VIN=2.0V
-35
70
µA
2
VR Line Regulation
-
0.01
0.20
VROUT(T)+1.0V<VIN<6.0V
∆VROUT
When VROUT<0.9V, 2.0V<VIN<6.0V
∆VIN ⋅ VROUT
IROUT=30mA
% / V
1
Input Voltage
VIN
2.0
6.0
V
VR Output Voltage
Temperature Characteristics
∆VROUT
IROUT=30mA
-
∆Topr ⋅ VROUT
-40
OC<Topr<85OC
±100
-
ppm /
OC
1
Ripple Rejection Rate
PSRR
VIN=[VROUT(T)+1.0]V+0.5Vp-pAC
-
When VROUT(T) < 1.25V
! VIN=2.25V+0.5Vp-pAC
When VROUT(T) > 4.75V
! VIN=5.75V+0.5Vp-pAC
IROUT=50mA, f=10kHz
65
-
dB
3
VR Current Limiter
(2.4V or less)
IRlim
VIN=VROUT(T)+2.0V
-
600
-
mA
1
VR Current Limiter
(2.5V or more)
IRlim
VIN=VROUT(T)+2.0V,
When VROUT(T)>4.0V, VIN=6.0V
500
600
-
mA
1
Short-Circuit Current
IRshort
VIN=VROUT(T)+2.0V,
When VROUT(T)>4.0V, VIN=6.0V
-50-
mA
1
VD Detect Voltage
VDF (E)
x 0.98
VDF (T)
x 1.02
V
4
VD Hysteresis Range
VHYS
VD Output Current
(note 9)
IDOUT
VDOUT = 0.5V
VIN = 5.0V
VIN = 6.0V
VIN = 4.0V
4
x 0.02
x 0.05
x 0.08
VDF (T)
VDF (T)
VDF (T)
V
mA
5.0
10.0
-
7.0
12.0
-
3.0
6.0
-
VIN = 3.0V
4.0
8.0
-
VD Detect Voltage
Temperature Characteristics
∆VDF /
-40
OC<Topr<85OC
-
ppm /
OC
4
∆Topr ⋅ VDF
10.0
15.0
-
±100
-
5
VIN = 2.0V
Semiconductor Ltd.
Data Sheet
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com