Electronic Components Datasheet Search
  English  ▼

X  

XC6404 Datasheet(PDF) 49 Page - Torex Semiconductor

Part # XC6404
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6404 Datasheet(HTML) 49 Page - Torex Semiconductor

Back Button XC6404 Datasheet HTML 45Page - Torex Semiconductor XC6404 Datasheet HTML 46Page - Torex Semiconductor XC6404 Datasheet HTML 47Page - Torex Semiconductor XC6404 Datasheet HTML 48Page - Torex Semiconductor XC6404 Datasheet HTML 49Page - Torex Semiconductor XC6404 Datasheet HTML 50Page - Torex Semiconductor XC6404 Datasheet HTML 51Page - Torex Semiconductor XC6404 Datasheet HTML 52Page - Torex Semiconductor XC6404 Datasheet HTML 53Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
XC6404 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(17) Rising Response Time
XC6404 Series (VR : 2.5V)
XC6404 Series (VR : 2.5V)
XC6404 Series (VR : 1.8V)
XC6404 Series (VR : 1.8V)
XC6404 Series (VR : 1.8V)
XC6404 Series (VR : 2.5V)
-6
-4
-2
0
2
4
Time (20usec/div)
0
1
2
3
4
5
-6
-4
-2
0
2
4
Time (20usec/div)
0
1
2
3
4
5
-6
-4
-2
0
2
4
Time (20usec/div)
0
1
2
3
4
5
-6
-4
-2
0
2
4
Time (20usec/div)
0
1
2
3
4
5
-6
-4
-2
0
2
4
Time (20usec/div)
0
1
2
3
4
5
-6
-4
-2
0
2
4
Time (20usec/div)
0
1
2
3
4
5
IOUT=1mA, tr=5.0usec
VIN=0
! 2.8V, CL=1.0uF (ceramic)
Input Voltage
Output Voltage
IOUT=30mA, tr=5.0usec
VIN=0
! 2.8V, CL=1.0uF (ceramic)
Input Voltage
Output Voltage
IOUT=100mA, tr=5.0usec
VIN=0
! 2.8V, CL=1.0uF (ceramic)
Input Voltage
Output Voltage
IOUT=1mA, tr=5.0usec
VIN=0
! 3.5V, CL=1.0uF (ceramic)
Input Voltage
Output Voltage
IOUT=30mA, tr=5.0usec
VIN=0
! 3.5V, CL=1.0uF (ceramic)
Input Voltage
Output Voltage
IOUT=100mA, tr=5.0usec
VIN=0
! 3.5V, CL=1.0uF (ceramic)
Input Voltage
Output Voltage
Semiconductor Ltd.
Data Sheet
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com