Electronic Components Datasheet Search
  English  ▼

X  

S85S1P Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S85S1P
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S85S1P Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S85S1P Datasheet HTML 30Page - Seiko Instruments Inc S85S1P Datasheet HTML 31Page - Seiko Instruments Inc S85S1P Datasheet HTML 32Page - Seiko Instruments Inc S85S1P Datasheet HTML 33Page - Seiko Instruments Inc S85S1P Datasheet HTML 34Page - Seiko Instruments Inc S85S1P Datasheet HTML 35Page - Seiko Instruments Inc S85S1P Datasheet HTML 36Page - Seiko Instruments Inc S85S1P Datasheet HTML 37Page - Seiko Instruments Inc S85S1P Datasheet HTML 38Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
SII Semiconductor Corporation
No.
TITLE
UNIT
ANGLE
1.97±0.03
0.2±0.05
0.48±0.02
0.08
mm
SNT-8A-A-PKG Dimensions
PH008-A-P-SD-2.1
No. PH008-A-P-SD-2.1
0.5
+0.05
-0.02
1
234
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com