Electronic Components Datasheet Search
  English  ▼

X  

S85S1P Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S85S1P
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S85S1P Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S85S1P Datasheet HTML 9Page - Seiko Instruments Inc S85S1P Datasheet HTML 10Page - Seiko Instruments Inc S85S1P Datasheet HTML 11Page - Seiko Instruments Inc S85S1P Datasheet HTML 12Page - Seiko Instruments Inc S85S1P Datasheet HTML 13Page - Seiko Instruments Inc S85S1P Datasheet HTML 14Page - Seiko Instruments Inc S85S1P Datasheet HTML 15Page - Seiko Instruments Inc S85S1P Datasheet HTML 16Page - Seiko Instruments Inc S85S1P Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.3_00
S-85S1P Series
13
2. Power monitor block
The power monitoring output is a function that divides the input voltage (VIN) of the DC-DC converter into VIN/2 or
VIN/3 and outputs the voltage. For example, the microcontroller can monitor battery voltage by inputting the output
voltage (VPMOUT) to the A/D converter in the microcontroller. Connecting the IC and the microcontroller makes it
possible that it is used as a remained battery capacity monitor for lithium-ion rechargeable batteries, coin batteries,
and other batteries.
VIN is divided into VIN/2 in S-85S1PCxx, and VIN/3 in S-85S1PDxx.
Low output impedance is realized since the buffer amp in the power monitor block constitutes a voltage follower.
Each the power monitor block and DC-DC converter block operate independently. When the PMEN pin is "L" and the
power monitor block is in standby status, the electrical charge in the output capacitor connected to the PMOUT pin is
discharged by an impedance of approximately 2.8 k
Ω.
2. 1 Basic operation
Figure 7 shows the block diagram of the power monitor block to describe basic operation.
Reference voltage (Vrefpm) is generated by dividing the input voltage (VIN) to VIN/2 or VIN/3 using the dividing
resistance (Rpm1 and Rpm2). Since the buffer amplifier constitutes a voltage follower, it can perform the feedback
control so that VPMOUT and Vrefpm are the same. Low output impedance is realized by the buffer amplifier, while
outputting VPMOUT according to VIN.
When "L" is input to the PMEN pin the current which flows to Rpm1 and Rpm2 and the current which flows to the
buffer amplifier can be stopped. The buffer amplifier output is pulled down to VSS by the built-in N-channel
transistor, and VPMOUT is set to the VSS level.
The difference, the output offset voltage (VPOF), is generated between VPMOUT and VPMOUT(S), and it is expressed
with VPMOUT = VPMOUT(S)
+ VPOF.
In addition, VPMOUT will change slightly according to the load current, and the value of change is expressed as the
output impedance (RPS).
PMEN
VSS
VIN
PMOUT
Power monitor
enable circuit
SW
Rpm1
Rpm2
Vrefpm
Buffer amplifier
+
−
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com