Electronic Components Datasheet Search
  English  ▼

X  

S1212B Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S1212B
Description  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1212B Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S1212B Datasheet HTML 30Page - Seiko Instruments Inc S1212B Datasheet HTML 31Page - Seiko Instruments Inc S1212B Datasheet HTML 32Page - Seiko Instruments Inc S1212B Datasheet HTML 33Page - Seiko Instruments Inc S1212B Datasheet HTML 34Page - Seiko Instruments Inc S1212B Datasheet HTML 35Page - Seiko Instruments Inc S1212B Datasheet HTML 36Page - Seiko Instruments Inc S1212B Datasheet HTML 37Page - Seiko Instruments Inc S1212B Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
(1)
1
2
3
4
(2)
1
2
3
4
(3)
1
2
3
4
Board A
Item
Specification
Size [mm]
114.3 x 76.2 x t1.6
Material
FR-4
Number of copper foil layer
2
Copper foil layer [mm]
Land pattern and wiring for testing: t0.070
-
-
74.2 x 74.2 x t0.070
Thermal via
-
Board B
Item
Specification
Size [mm]
114.3 x 76.2 x t1.6
Material
FR-4
Number of copper foil layer
4
Copper foil layer [mm]
Land pattern and wiring for testing: t0.070
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.070
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.070
Thermal via
-
Item
Specification
Size [mm]
114.3 x 76.2 x t1.6
Thermal via
Number: 4
Diameter: 0.3 mm
Board C
Material
FR-4
Number of copper foil layer
4
Copper foil layer [mm]
Land pattern and wiring for testing: t0.070
74.2 x 74.2 x t0.035
IC Mount Area
enlarged view
HTMSOP-8/HMSOP-8 Test Board
No. HTMSOP8/HMSOP8-A-Board-SD-1.0
SII Semiconductor Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com