Electronic Components Datasheet Search
  English  ▼

X  

S1212B Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1212B
Description  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1212B Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1212B Datasheet HTML 9Page - Seiko Instruments Inc S1212B Datasheet HTML 10Page - Seiko Instruments Inc S1212B Datasheet HTML 11Page - Seiko Instruments Inc S1212B Datasheet HTML 12Page - Seiko Instruments Inc S1212B Datasheet HTML 13Page - Seiko Instruments Inc S1212B Datasheet HTML 14Page - Seiko Instruments Inc S1212B Datasheet HTML 15Page - Seiko Instruments Inc S1212B Datasheet HTML 16Page - Seiko Instruments Inc S1212B Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.0_00
S-1212B/D Series
13
Explanation of Terms
1. Low dropout voltage regulator
This is a voltage regulator which made dropout voltage small by its built-in low on-resistance output transistor.
2. Output voltage (VOUT)
This voltage is output at an accuracy of
±2.0% when the input voltage, the output current and the temperature are in
a certain condition
*1.
*1. Differs depending on the product.
Caution
If the certain condition is not satisfied, the output voltage may exceed the accuracy range of
±2.0%.
Refer to " Electrical Characteristics" and " Characteristics (Typical Data)" for details.
3. Line regulation
ΔVOUT1
ΔVIN • VOUT
Indicates the dependency of the output voltage against the input voltage. That is, the value shows how much the
output voltage changes due to a change in the input voltage after fixing output current constant.
4. Load regulation (
ΔVOUT2)
Indicates the dependency of the output voltage against the output current. That is, the value shows how much the
output voltage changes due to a change in the output current after fixing input voltage constant.
5. Dropout voltage (Vdrop)
Indicates the difference between input voltage (VIN1) and the output voltage when the output voltage becomes 98% of
the output voltage value (VOUT3) at VIN = VOUT(S)
+ 2.0 V after the input voltage (VIN) is decreased gradually.
Vdrop = VIN1
− (VOUT3 × 0.98)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com