Electronic Components Datasheet Search
  English  ▼

X  

S1317 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S1317
Description  5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1317 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S1317 Datasheet HTML 4Page - Seiko Instruments Inc S1317 Datasheet HTML 5Page - Seiko Instruments Inc S1317 Datasheet HTML 6Page - Seiko Instruments Inc S1317 Datasheet HTML 7Page - Seiko Instruments Inc S1317 Datasheet HTML 8Page - Seiko Instruments Inc S1317 Datasheet HTML 9Page - Seiko Instruments Inc S1317 Datasheet HTML 10Page - Seiko Instruments Inc S1317 Datasheet HTML 11Page - Seiko Instruments Inc S1317 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35
μA SUPER LOW CURRENT CONSUMPTION
S-1317 Series
Rev.1.0_00
8
Test Circuits
+
VOUT
VIN
VSS
+
V
A
Figure 4 Test Circuit 1
VOUT
VIN
VSS
A
+
Figure 5 Test Circuit 2
VOUT
VIN
VSS
+
V
+
A
Figure 6 Test Circuit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com