Electronic Components Datasheet Search
  English  ▼

X  

S1317 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1317
Description  5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1317 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1317 Datasheet HTML 9Page - Seiko Instruments Inc S1317 Datasheet HTML 10Page - Seiko Instruments Inc S1317 Datasheet HTML 11Page - Seiko Instruments Inc S1317 Datasheet HTML 12Page - Seiko Instruments Inc S1317 Datasheet HTML 13Page - Seiko Instruments Inc S1317 Datasheet HTML 14Page - Seiko Instruments Inc S1317 Datasheet HTML 15Page - Seiko Instruments Inc S1317 Datasheet HTML 16Page - Seiko Instruments Inc S1317 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35
μA SUPER LOW CURRENT CONSUMPTION
Rev.1.0_00
S-1317 Series
13
Precautions
• Generally, when a voltage regulator is used under the condition that the load current value is small (1 μA or less), the
output voltage may increase due to the leakage current of an output transistor.
• Generally, when a voltage regulator is used under the condition that the temperature is high, the output voltage may
increase due to the leakage current of an output transistor.
• Generally, when a voltage regulator is used under the condition that the impedance of the power supply is high, an
oscillation may occur. Perform thorough evaluation including the temperature characteristics with an actual application
to select CIN.
• Generally, in a voltage regulator, an oscillation may occur depending on the selection of the external parts. The
following use conditions are recommended in the S-1317 Series, however, perform thorough evaluation including the
temperature characteristics with an actual application to select CIN and CL.
Input capacitor (CIN):
A ceramic capacitor with capacitance of 1.0
μF or more is recommended.
Output capacitor (CL):
A ceramic capacitor with capacitance of 1.0
μF to 100 μF is recommended.
• Generally, in a voltage regulator, the values of an overshoot and an undershoot in the output voltage vary depending
on the variation factors of input voltage start-up, input voltage fluctuation and load fluctuation etc., or the capacitance of
CIN or CL and the value of the equivalent series resistance (ESR), which may cause a problem to the stable
operation. Perform thorough evaluation including the temperature characteristics with an actual application to select CIN
and CL.
• Generally, in a voltage regulator, if the VOUT pin is steeply shorted with GND, a negative voltage exceeding the
absolute maximum ratings may occur in the VOUT pin due to resonance phenomenon of the inductance and the
capacitance including CL on the application. The resonance phenomenon is expected to be weakened by inserting a
series resistor into the resonance path, and the negative voltage is expected to be limited by inserting a protection
diode between the VOUT pin and the VSS pin.
• Make sure of the conditions for the input voltage, output voltage and the load current so that the internal loss does not
exceed the power dissipation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• When considering the output current value that the IC is able to output, make sure of the output current value specified
in Table 7 in " Electrical Characteristics" and footnote *5 of the table.
• Wiring patterns on the application related to the VIN pin, the VOUT pin and the VSS pin should be designed so that the
impedance is low. When mounting CIN between the VIN pin and the VSS pin and CL between the VOUT pin and the
VSS pin, connect the capacitors as close as possible to the respective destination pins of the IC.
• In the package equipped with heat sink of backside, mount the heat sink firmly. Since the heat radiation differs
according to the condition of the application, perform thorough evaluation with an actual application to confirm no
problems happen.
• SII Semiconductor Corporation claims no responsibility for any disputes arising out of or in connection with any
infringement by products including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com