Electronic Components Datasheet Search
  English  ▼

X  

S5716 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S5716
Description  LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5716 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S5716 Datasheet HTML 5Page - Seiko Instruments Inc S5716 Datasheet HTML 6Page - Seiko Instruments Inc S5716 Datasheet HTML 7Page - Seiko Instruments Inc S5716 Datasheet HTML 8Page - Seiko Instruments Inc S5716 Datasheet HTML 9Page - Seiko Instruments Inc S5716 Datasheet HTML 10Page - Seiko Instruments Inc S5716 Datasheet HTML 11Page - Seiko Instruments Inc S5716 Datasheet HTML 12Page - Seiko Instruments Inc S5716 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
Rev.1.6_01
S-5716 Series
9
Magnetic Characteristics
1. Product with both poles detection
1. 1 Product with BOP = 1.8 mT typ.
Table 11
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
−
0.9
1.8
2.7
mT
5
N pole
BOPN
−
−2.7
−1.8
−0.9
mT
5
Release point*2
S pole
BRPS
−
0.3
1.2
2.2
mT
5
N pole
BRPN
−
−2.2
−1.2
−0.3
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
−
0.6
−
mT
5
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
−
0.6
−
mT
5
1. 2 Product with BOP = 3.0 mT typ.
Table 12
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
−
1.4
3.0
4.0
mT
5
N pole
BOPN
−
−4.0
−3.0
−1.4
mT
5
Release point*2
S pole
BRPS
−
1.1
2.2
3.7
mT
5
N pole
BRPN
−
−3.7
−2.2
−1.1
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
−
0.8
−
mT
5
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
−
0.8
−
mT
5
1. 3 Product with BOP = 3.4 mT typ.
Table 13
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
−
2.0
3.4
5.6
mT
5
N pole
BOPN
−
−5.6
−3.4
−2.0
mT
5
Release point*2
S pole
BRPS
−
1.5
2.6
4.2
mT
5
N pole
BRPN
−
−4.2
−2.6
−1.5
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
−
0.8
−
mT
5
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
−
0.8
−
mT
5
1. 4 Product with BOP = 4.5 mT typ.
Table 14
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
−
2.5
4.5
6.0
mT
5
N pole
BOPN
−
−6.0
−4.5
−2.5
mT
5
Release point*2
S pole
BRPS
−
2.0
3.5
5.5
mT
5
N pole
BRPN
−
−5.5
−3.5
−2.0
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
−
1.0
−
mT
5
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
−
1.0
−
mT
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com