Electronic Components Datasheet Search
  English  ▼

X  

S5716 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S5716
Description  LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5716 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S5716 Datasheet HTML 1Page - Seiko Instruments Inc S5716 Datasheet HTML 2Page - Seiko Instruments Inc S5716 Datasheet HTML 3Page - Seiko Instruments Inc S5716 Datasheet HTML 4Page - Seiko Instruments Inc S5716 Datasheet HTML 5Page - Seiko Instruments Inc S5716 Datasheet HTML 6Page - Seiko Instruments Inc S5716 Datasheet HTML 7Page - Seiko Instruments Inc S5716 Datasheet HTML 8Page - Seiko Instruments Inc S5716 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
S-5716 Series
www.sii-ic.com
LOW CURRENT CONSUMPTION
BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
© SII Semiconductor Corporation, 2011-2015
Rev.1.6_01
1
The S-5716 Series, developed by CMOS technology, is a high-accuracy Hall IC that operates with low current consumption.
The output voltage changes when the S-5716 Series detects the intensity level of magnetic flux density. Using the S-5716
Series with a magnet makes it possible to detect the open / close in various devices.
High-density mounting is possible by using the small SOT-23-3 package or the super small SNT-4A package.
Due to its high-accuracy magnetic characteristics, the S-5716 Series can make operation's dispersion in the system
combined with magnet smaller.
Caution This product is intended to use in general electronic devices such as consumer electronics, office
equipment, and communications devices. Before using the product in medical equipment or automobile
equipment including car audio, keyless entry and engine control unit, contact to SII Semiconductor
Corporation is indispensable.
Features
• Pole detection*1:
Detection of both poles, S pole or N pole
• Detection logic for magnetism*1:
Active "L", active "H"
• Output form*1:
Nch open-drain output, CMOS output
• Magnetic sensitivity*1:
BOP = 1.8 mT typ.
BOP = 3.0 mT typ.
BOP = 3.4 mT typ.
BOP = 4.5 mT typ.
BOP = 7.0 mT typ.
• Operating cycle (current consumption):
Product with both poles detection
tCYCLE = 50.50 ms (IDD = 4.0
μA) typ.
Product with S pole or N pole detection
tCYCLE = 50.85 ms (IDD = 2.6
μA) typ.
• Power supply voltage range:
VDD = 2.7 V to 5.5 V
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. The option can be selected.
Applications
• Plaything, portable game
• Home appliance
• Housing equipment
• Industrial equipment
Packages
• SOT-23-3
• SNT-4A


Similar Part No. - S5716

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5712A SII-S5712A Datasheet
2Mb / 43P
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5712E SII-S5712E Datasheet
1Mb / 31P
HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5715 SII-S5715 Datasheet
1Mb / 28P
HIGH-SPEED / MIDDLE-SPEED LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5718 SII-S5718 Datasheet
2Mb / 28P
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
More results

Similar Description - S5716

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
UNIPOLAR DETECTION TYPE HALL IC
S5715 SII-S5715 Datasheet
1Mb / 28P
HIGH-SPEED / MIDDLE-SPEED LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com