Electronic Components Datasheet Search
  English  ▼

X  

S5717 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S5717
Description  LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5717 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S5717 Datasheet HTML 2Page - Seiko Instruments Inc S5717 Datasheet HTML 3Page - Seiko Instruments Inc S5717 Datasheet HTML 4Page - Seiko Instruments Inc S5717 Datasheet HTML 5Page - Seiko Instruments Inc S5717 Datasheet HTML 6Page - Seiko Instruments Inc S5717 Datasheet HTML 7Page - Seiko Instruments Inc S5717 Datasheet HTML 8Page - Seiko Instruments Inc S5717 Datasheet HTML 9Page - Seiko Instruments Inc S5717 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S-5717 Series
Rev.1.0_01
6
Magnetic Characteristics
1. Product with both poles detection
1. 1 Product with BOP = 3.3 mT typ.
Table 8
(Ta =
+25°C, VDD = 1.85 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
−
2.3
3.3
4.7
mT
5
N pole
BOPN
−
−4.7
−3.3
−2.3
mT
5
Release point*2
S pole
BRPS
−
1.2
2.4
3.4
mT
5
N pole
BRPN
−
−3.4
−2.4
−1.2
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
−
0.9
−
mT
5
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
−
0.9
−
mT
5
2. Product with S pole detection
2. 1 Product with BOP = 3.3 mT typ.
Table 9
(Ta =
+25°C, VDD = 1.85 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
−
2.3
3.3
4.7
mT
5
Release point*2
S pole
BRPS
−
1.2
2.4
3.4
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
−
0.9
−
mT
5
3. Product with N pole detection
3. 1 Product with BOP = 3.3 mT typ.
Table 10
(Ta =
+25°C, VDD = 1.85 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
N pole
BOPN
−
−4.7
−3.3
−2.3
mT
5
Release point*2
N pole
BRPN
−
−3.4
−2.4
−1.2
mT
5
Hysteresis width*3
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
−
0.9
−
mT
5
*1. BOPN, BOPS: Operation points
BOPN and BOPS are the values of magnetic flux density when the output voltage (VOUT) is inverted after the magnetic flux
density applied to the S-5717 Series by the magnet (N pole or S pole) is increased (the magnet is moved closer).
Even when the magnetic flux density exceeds BOPN or BOPS, VOUT retains the status.
*2. BRPN, BRPS: Release points
BRPN and BRPS are the values of magnetic flux density when the output voltage (VOUT) is inverted after the magnetic flux
density applied to the S-5717 Series by the magnet (N pole or S pole) is decreased (the magnet is moved further away).
Even when the magnetic flux density falls below BRPN or BRPS, VOUT retains the status.
*3. BHYSN, BHYSS: Hysteresis widths
BHYSN and BHYSS are the difference between BOPN and BRPN, and BOPS and BRPS, respectively.
Remark The unit of magnetic density mT can be converted by using the formula 1 mT = 10 Gauss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com