Electronic Components Datasheet Search
  English  ▼

X  

S5717 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S5717
Description  LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5717 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S5717 Datasheet HTML 9Page - Seiko Instruments Inc S5717 Datasheet HTML 10Page - Seiko Instruments Inc S5717 Datasheet HTML 11Page - Seiko Instruments Inc S5717 Datasheet HTML 12Page - Seiko Instruments Inc S5717 Datasheet HTML 13Page - Seiko Instruments Inc S5717 Datasheet HTML 14Page - Seiko Instruments Inc S5717 Datasheet HTML 15Page - Seiko Instruments Inc S5717 Datasheet HTML 16Page - Seiko Instruments Inc S5717 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
Rev.1.0_01
S-5717 Series
13
Precautions
• If the impedance of the power supply is high, the IC may malfunction due to a supply voltage drop caused by feed-
through current. Take care with the pattern wiring to ensure that the impedance of the power supply is low.
• Note that the IC may malfunction if the power supply voltage rapidly changes.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• Large stress on this IC may affect on the magnetic characteristics. Avoid large stress which is caused by bend and
distortion during mounting the IC on a board or handle after mounting.
• SII Semiconductor Corporation claims no responsibility for any disputes arising out of or in connection with any
infringement by products including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com