Electronic Components Datasheet Search
  English  ▼

X  

S5724 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S5724
Description  LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5724 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S5724 Datasheet HTML 4Page - Seiko Instruments Inc S5724 Datasheet HTML 5Page - Seiko Instruments Inc S5724 Datasheet HTML 6Page - Seiko Instruments Inc S5724 Datasheet HTML 7Page - Seiko Instruments Inc S5724 Datasheet HTML 8Page - Seiko Instruments Inc S5724 Datasheet HTML 9Page - Seiko Instruments Inc S5724 Datasheet HTML 10Page - Seiko Instruments Inc S5724 Datasheet HTML 11Page - Seiko Instruments Inc S5724 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724 Series
Rev.1.2_01
8
Electrical Characteristics
1. Product without power-down function
1. 1 S-5724CxBxx
Table 8
(Ta =
+25°C, VDD = 1.85 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage VDD
−
1.60
1.85
3.50
V
−
Current consumption
IDD
Average value
−
6.0
11.0
μA
1
Output voltage
VOUT
Nch open-drain output
product
Output transistor Nch,
IOUT = 0.5 mA
−
−
0.4
V
2
CMOS output product
Output transistor Nch,
IOUT = 0.5 mA
−
−
0.4
V
2
Output transistor Pch,
IOUT =
−0.5 mA
VDD
−
0.4
−
−
V
3
Leakage current
ILEAK
Nch open-drain output product
Output transistor Nch, VOUT = 3.5 V
−
−
1
μA
4
Awake mode time
tAW
−
−
0.05
−
ms
−
Sleep mode time
tSL
−
−
6.00
−
ms
−
Operating cycle
tCYCLE tAW
+ tSL
−
6.05
12.00
ms
−
1. 2 S-5724DxBxx
Table 9
(Ta =
+25°C, VDD = 1.85 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage VDD
−
1.60
1.85
3.50
V
−
Current consumption
IDD
Average value
−
26.0
45.0
μA
1
Output voltage
VOUT
Nch open-drain output
product
Output transistor Nch,
IOUT = 0.5 mA
−
−
0.4
V
2
CMOS output product
Output transistor Nch,
IOUT = 0.5 mA
−
−
0.4
V
2
Output transistor Pch,
IOUT =
−0.5 mA
VDD
−
0.4
−
−
V
3
Leakage current
ILEAK
Nch open-drain output product
Output transistor Nch, VOUT = 3.5 V
−
−
1
μA
4
Awake mode time
tAW
−
−
0.05
−
ms
−
Sleep mode time
tSL
−
−
1.20
−
ms
−
Operating cycle
tCYCLE tAW
+ tSL
−
1.25
2.50
ms
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com