Electronic Components Datasheet Search
  English  ▼

X  

S5724 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S5724
Description  LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5724 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S5724 Datasheet HTML 1Page - Seiko Instruments Inc S5724 Datasheet HTML 2Page - Seiko Instruments Inc S5724 Datasheet HTML 3Page - Seiko Instruments Inc S5724 Datasheet HTML 4Page - Seiko Instruments Inc S5724 Datasheet HTML 5Page - Seiko Instruments Inc S5724 Datasheet HTML 6Page - Seiko Instruments Inc S5724 Datasheet HTML 7Page - Seiko Instruments Inc S5724 Datasheet HTML 8Page - Seiko Instruments Inc S5724 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
S-5724 Series
www.sii-ic.com
LOW VOLTAGE OPERATION
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
© SII Semiconductor Corporation, 2012-2013
Rev.1.2_01
1
The S-5724 Series, developed by CMOS technology, is a high-accuracy Hall IC that operates at a low voltage with a high-
sensitivity, a high-speed detection and low current consumption.
The output voltage changes when the S-5724 Series detects the intensity level of magnetic flux density and a polarity
change. Using the S-5724 Series with a magnet makes it possible to detect the rotation status in various devices.
High-density mounting is possible by using the small SOT-23-3 or the super-small SNT-4A packages.
Due to its high-accuracy magnetic characteristics, the S-5724 Series can make operation's dispersion in the system
combined with magnet smaller.
Caution This product is intended to use in general electronic devices such as consumer electronics, office
equipment, and communications devices. Before using the product in medical equipment or
automobile equipment including car audio, keyless entry and engine control unit, contact to SII
Semiconductor Corporation is indispensable.
Features
• Pole detection:
Bipolar latch
• Detection logic for magnetism*1:
VOUT = "L" at S pole detection
VOUT = "H" at S pole detection
• Output form*1:
Nch open-drain output, CMOS output
• Magnetic sensitivity:
BOP = 3.0 mT typ.
• Operating cycle (current consumption)*1:
tCYCLE = 50
μs (IDD = 640.0 μA) typ.
tCYCLE = 1.25 ms (IDD = 26.0
μA) typ.
tCYCLE = 6.05 ms (IDD = 6.0
μA) typ.
• Power supply voltage range:
VDD = 1.6 V to 3.5 V
• Operation temperature range:
Ta =
−40°C to +85°C
• Built-in power-down circuit:
Extends battery life (only SNT-4A)
• Lead-free (Sn 100%), halogen-free
*1. The option can be selected.
Applications
• Digital still camera
• Plaything, portable game
• Home appliance
Packages
• SOT-23-3
• SNT-4A


Similar Part No. - S5724

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
S5720-52X-PWR-LI-ACF-C ATGBICS-S5720-52X-PWR-LI-ACF-C Datasheet
323Kb / 9P
S5720-52X-PWR-LI-ACF Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Laird Tech Smart Techno...
S57212AMP-51512 LSTD-S57212AMP-51512 Datasheet
551Kb / 1P
CAMPUS AND IN-BUILDING DIRECTIONAL ANTENNAS
S57212AMP10SMF LSTD-S57212AMP10SMF Datasheet
551Kb / 1P
CAMPUS AND IN-BUILDING DIRECTIONAL ANTENNAS
S57212AMP10TNF LSTD-S57212AMP10TNF Datasheet
551Kb / 1P
CAMPUS AND IN-BUILDING DIRECTIONAL ANTENNAS
S57212MP10SMF LSTD-S57212MP10SMF Datasheet
551Kb / 1P
CAMPUS AND IN-BUILDING DIRECTIONAL ANTENNAS
More results

Similar Description - S5724

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH190 TSC-TSH190 Datasheet
388Kb / 8P
Bipolar High Voltage Hall Effect Latch
logo
Seiko Instruments Inc
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S-57M1 SII-S-57M1 Datasheet
947Kb / 16P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1-S SII-S-57P1-S Datasheet
1Mb / 17P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S5725 SII-S5725 Datasheet
1Mb / 31P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com