Electronic Components Datasheet Search
  English  ▼

X  

ICS1526 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS1526
Description  Video Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1526 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS1526 Datasheet HTML 1Page - Integrated Circuit Systems ICS1526 Datasheet HTML 2Page - Integrated Circuit Systems ICS1526 Datasheet HTML 3Page - Integrated Circuit Systems ICS1526 Datasheet HTML 4Page - Integrated Circuit Systems ICS1526 Datasheet HTML 5Page - Integrated Circuit Systems ICS1526 Datasheet HTML 6Page - Integrated Circuit Systems ICS1526 Datasheet HTML 7Page - Integrated Circuit Systems ICS1526 Datasheet HTML 8Page - Integrated Circuit Systems ICS1526 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MDS1526 I
3
Revision 020304
Integrated Circuit Systems, 525 Race Street, San Jose, CA 95126, tel (408) 297-1201
www.icst.com
Section 1 Overview
ICS1526 Preliminary Data Sheet
1.4 I2C Bus Serial Interface
The ICS1526 uses a 5 volt tolerant, industry-standard
I2C-bus serial interface that runs at either low speed
(100 kHz) or high speed (400 kHz). The interface uses
12 word addresses for control and status: one
write-only, eight read/write, and three read-only
addresses.
Two ICS1526 devices can sit on the same I2C bus,
each selected by the Master according to the state of
the I2CADR pin. The 7-bit device address is 0100110
(binary) when I2CADR is low. The device address is
0100111 (binary) when I2CADR is high. See Section 4,
“Programming”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com