Electronic Components Datasheet Search
  English  ▼

X  

ICS1526 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1526
Description  Video Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1526 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1526 Datasheet HTML 1Page - Integrated Circuit Systems ICS1526 Datasheet HTML 2Page - Integrated Circuit Systems ICS1526 Datasheet HTML 3Page - Integrated Circuit Systems ICS1526 Datasheet HTML 4Page - Integrated Circuit Systems ICS1526 Datasheet HTML 5Page - Integrated Circuit Systems ICS1526 Datasheet HTML 6Page - Integrated Circuit Systems ICS1526 Datasheet HTML 7Page - Integrated Circuit Systems ICS1526 Datasheet HTML 8Page - Integrated Circuit Systems ICS1526 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MDS 1526 I
Revision 020304
ICS reserves the right to make changes in the preliminary device data
identified in this publication without notice. ICS advises its customers
to obtain the latest version of all device data to verify that information
being relied upon is current and accurate.
Integrated Circuit Systems
ICS1526
Video Clock Synthesizer
Features
• Lead-free packaging (Pb-free)
• Low jitter (typical 27 ps short term jitter)
• Wide input frequency range
• 8 kHz to 100 MHz
• LVCMOS single-ended clock outputs
• Up to 200 MHz
• Uses 3.3 V power supply
• 5 Volt tolerant Inputs (HSYNC, VSYNC)
• Coast (ignore HSYNC) capability via VSYNC pin
• Industry standard I2C-bus programming interface
• PLL Lock detection via I2C or LOCK output pin
• 16-pin TSSOP package
Applications
• Frequency synthesis
• LCD monitors, video projectors and plasma displays
• Genlocking multiple video subsystems
Pin Configuration (16-pin TSSOP)
VDDD
1
VSSD
SDA
SCL
VSYNC
I2CADR
VDDA
VSSQ
VDDQ
CLK
HSYNC_out
LOCK
VSYNC_out
OSC
HSYNC
VSSA
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
General Description
The ICS1526 is a low-cost, high-performance
frequency generator. It is suited to general purpose
phase controlled clock synthesis as well as
line-locked and genlocked high-resolution video
applications. Using ICS’s advanced low-voltage
CMOS mixed-mode technology, the ICS1526 is an
effective clock synthesizer that supports video
projectors and displays at resolutions from VGA to
beyond XGA.
The ICS1526 offers single-ended clock outputs to 200
MHz. The HSYNC_out, and VSYNC_out pins provide
the regenerated versions of the HSYNC and VSYNC
inputs synchronous to the CLK output.
The advanced PLL uses its internal programmable
feedback divider. The device is programmed by a
standard I2C-bus™ serial interface and is available in
a TSSOP16 package.
ICS1526 Functional Diagram
HSYNC
VSYNC
I2C
HSYNC_out
VSYNC_out
CLK
OSC
LOCK
ICS1526
Preliminary Data Sheet


Similar Part No. - ICS1526

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1526 RENESAS-ICS1526 Datasheet
214Kb / 11P
Integrated Device Technology, Inc.
Revision 051310
More results

Similar Description - ICS1526

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1523 ICST-ICS1523 Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
HDTV Clock Synthesizer
Revision 081199
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
Video Clock Synthesizer
Revision 110905
logo
Integrated Device Techn...
ICS1523 IDT-ICS1523 Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
PECL CLOCK SYNTHESIZER
041905
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
NETWORKING CLOCK SYNTHESIZER
012313
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com