Electronic Components Datasheet Search
  English  ▼

X  

MPX2010GS Datasheet(PDF) 46 Page - Motorola, Inc

Part # MPX2010GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2010GS Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MPX2010GS Datasheet HTML 42Page - Motorola, Inc MPX2010GS Datasheet HTML 43Page - Motorola, Inc MPX2010GS Datasheet HTML 44Page - Motorola, Inc MPX2010GS Datasheet HTML 45Page - Motorola, Inc MPX2010GS Datasheet HTML 46Page - Motorola, Inc MPX2010GS Datasheet HTML 47Page - Motorola, Inc MPX2010GS Datasheet HTML 48Page - Motorola, Inc MPX2010GS Datasheet HTML 49Page - Motorola, Inc MPX2010GS Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 670 page
background image
MMA1200D
2–10
Motorola Sensor Device Data
www.motorola.com/semiconductors
* When positioned as shown, the Earth’s gravity will result in a positive 1g output
Positive Acceleration Sensing Direction
–Z
+Z
Direction of Earth’s gravity field.*
Side View
Side View
Side View
–Z
+Z
ORDERING INFORMATION
Device
Temperature Range
Case No.
Package
MMA1200D
*40 to +85°C
Case 475–01
SOIC–16
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must
be the correct size to ensure proper solder connection inter-
face between the board and the package. With the correct
footprint, the packages will self–align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and short-
ing between solder pads.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com