Electronic Components Datasheet Search
  English  ▼

X  

MPX2010GS Datasheet(PDF) 47 Page - Motorola, Inc

Part # MPX2010GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2010GS Datasheet(HTML) 47 Page - Motorola, Inc

Back Button MPX2010GS Datasheet HTML 43Page - Motorola, Inc MPX2010GS Datasheet HTML 44Page - Motorola, Inc MPX2010GS Datasheet HTML 45Page - Motorola, Inc MPX2010GS Datasheet HTML 46Page - Motorola, Inc MPX2010GS Datasheet HTML 47Page - Motorola, Inc MPX2010GS Datasheet HTML 48Page - Motorola, Inc MPX2010GS Datasheet HTML 49Page - Motorola, Inc MPX2010GS Datasheet HTML 50Page - Motorola, Inc MPX2010GS Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 670 page
background image
MMA1200D
2–11
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 6. Footprint SOIC–16 (Case 475–01)
0.380 in.
9.65 mm
0.050 in.
1.27 mm
0.024 in.
0.610 mm
0.080 in.
2.03 mm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com