Electronic Components Datasheet Search
  English  ▼

X  

IR3088AM Datasheet(PDF) 29 Page - International Rectifier

Part # IR3088AM
Description  XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088AM Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3088AM Datasheet HTML 25Page - International Rectifier IR3088AM Datasheet HTML 26Page - International Rectifier IR3088AM Datasheet HTML 27Page - International Rectifier IR3088AM Datasheet HTML 28Page - International Rectifier IR3088AM Datasheet HTML 29Page - International Rectifier IR3088AM Datasheet HTML 30Page - International Rectifier IR3088AM Datasheet HTML 31Page - International Rectifier IR3088AM Datasheet HTML 32Page - International Rectifier IR3088AM Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
IR3088A
011
.
0
)
3
.
1
12
(
*
)
3
.
1
75
.
0
12
(
75
.
0
*
10
*
800
*
10
*
100
*
10
*
2
.
18
)
(
*
)
(
*
*
*
3
12
3
=
−
−
−
=
−
−
−
=
−
DAC
I
DAC
PWMRMP
I
PWMRMP
SW
PWMRMP
PWMRMP
MI
V
V
V
V
V
V
f
C
R
F
6
_
10
*
05
.
1
*
2
*
)]
(
*
*
*
2
1
[
*
*
*
*
*
*
65
.
0
CI
O
MI
O
O
E
CI
LE
ROOM
CS
O
I
PWMRMP
SCOMP
f
V
F
I
V
C
f
R
G
I
V
R
C
∗
∗
+
=
π
π
6
4
4
6
3
3
10
*
05
.
1
*
3500
2
)
10
*
1
.
9
*
105
33
.
1
(
011
.
0
*
]
105
)
10
*
1
.
9
*
105
33
.
1
(
*
62
*
10
*
22
*
3500
*
2
1
[
*
)
6
10
*
5
.
0
(
*
34
*
105
*
12
*
10
*
2
.
18
*
65
.
0
∗
∗
−
−
+
=
−
−
−
−
π
π
nF
6
.
20
=
Choose CSCOMP=22nF
Page 29 of 34
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com