Electronic Components Datasheet Search
  English  ▼

X  

IR3088AM Datasheet(PDF) 19 Page - International Rectifier

Part # IR3088AM
Description  XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088AM Datasheet(HTML) 19 Page - International Rectifier

Back Button IR3088AM Datasheet HTML 15Page - International Rectifier IR3088AM Datasheet HTML 16Page - International Rectifier IR3088AM Datasheet HTML 17Page - International Rectifier IR3088AM Datasheet HTML 18Page - International Rectifier IR3088AM Datasheet HTML 19Page - International Rectifier IR3088AM Datasheet HTML 20Page - International Rectifier IR3088AM Datasheet HTML 21Page - International Rectifier IR3088AM Datasheet HTML 22Page - International Rectifier IR3088AM Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
IR3088A
2
2
)
*
*
*
2
(
1
*
)
2
(
C
C
O
PWMRMP
FB
E
E
C
CP
R
C
f
V
V
R
C
L
f
R
π
π
+
∗
∗
∗
∗
∗
=
(27)
CP
E
E
CP
R
C
L
C
∗
∗
=
10
(28)
CCP1 is optional and may be needed in some applications to reduce the jitter caused by the high frequency noise. A
ceramic capacitor between 10pF and 220pF is usually enough.
Type III Compensation for AVP Applications
Determine the compensation at no load, the worst case condition. Assume the time constant of the resistor and
capacitor across the output inductors matches that of the inductor, the crossover frequency and phase margin of the
voltage loop can be estimated by Equations (29) and (30), where RLE is the equivalent resistance of inductor DCR.
LE
FB
CS
E
DRP
C
R
R
G
C
R
f
∗
∗
=
*
*
2
1
π
(29)
π
θ
180
)
5
.
0
tan(
90
1
∗
−
=
A
C
(30)
Choose the desired crossover frequency fc around fc1 estimated by Equation (29) or choose fc between 1/10 and
1/5 of the switching frequency per phase, and select the components to ensure the slope of close loop gain is -20dB
/Dec around the crossover frequency. Choose resistor RFB1 according to Equation (31), and determine CFB and
RDRP from Equations (32) and (33).
FB
FB
R
R
2
1
1 =
to
FB
FB
R
R
3
2
1 =
(31)
1
4
1
FB
C
FB
R
f
C
∗
∗
=
π
(32)
DRP
FB
FB
FB
DRP
R
C
R
R
C
∗
+
=
)
(
1
(33)
RCP and CCP have limited effect on the crossover frequency, and are used only to fine tune the crossover frequency
and transient load response. Determine RCP and CCP from Equations (34) and (35).
O
PWMRMP
FB
E
E
C
CP
V
V
R
C
L
f
R
∗
∗
∗
∗
∗
=
2
)
2
(
π
(34)
CP
E
E
CP
R
C
L
C
∗
∗
=
10
(35)
CCP1 is optional and may be needed in some applications to reduce the jitter caused by the high frequency noise. A
ceramic capacitor between 10pF and 220pF is usually enough.
Type III Compensation for Non-AVP Applications
Resistor RFB is chosen according to Equations (15), and resistor RDRP and capacitor CDRP are not needed. Choose
the crossover frequency fc between 1/10 and 1/5 of the switching frequency per phase and select the desired phase
margin θc. Calculate K factor from Equation (36), and determine the component values based on Equations (37) to
(41),
)]
5
.
1
180
(
4
tan[
+
∗
=
C
K
θ
π
(36)
Page 19 of 34
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com