Electronic Components Datasheet Search
  English  ▼

X  

RT9807 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9807
Description  Micro-Power Voltage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9807 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9807 Datasheet HTML 1Page - Richtek Technology Corporation RT9807 Datasheet HTML 2Page - Richtek Technology Corporation RT9807 Datasheet HTML 3Page - Richtek Technology Corporation RT9807 Datasheet HTML 4Page - Richtek Technology Corporation RT9807 Datasheet HTML 5Page - Richtek Technology Corporation RT9807 Datasheet HTML 6Page - Richtek Technology Corporation RT9807 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RT9807
®
DS9807-02 December 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
General Description
The RT9807 is a micro-power voltage detector with
deglitched manual reset input which supervises the power
supply voltage level for microprocessors (
μP) or digital
systems. It provides internally fixed threshold levels
ranging from 1.2V to 3.3V with 0.1V per step, which covers
most digital applications. It features low supply current of
3
μA.
The RT9807 performs supervisory function by sending out
a reset signal whenever the VDD voltage falls below a
preset threshold level. The timeout period of this reset
signal can be adjusted via an external capacitor. Once
VDD recovers above the threshold level, the reset signal
will be released after a certain delay time. To manually
pull reset signal low, just pull the manual reset input (MR)
below the specified logic-low level.
The RT9807 is available in an SOT-23-5 package.
Ordering Information
Pin Configurations
(TOP VIEW)
SOT-23-5
Micro-Power Voltage Detector with Manual Reset
Features
Monitor System Voltages from 0.9V to 5.5V
Capacitor-Adjustable Reset Timeout Period
Manual Reset Input
Low Quiescent Current
High Accuracy
±±±±±1.5%
Low Functional Supply Voltage 0.9V
N-Channel Open-Drain Output
Small SOT-23-5 Package
RoHS Compliant and Halogen Free
Applications
Computers
Controllers
Intelligent Instruments
Critical uP and uC Power Monitoring
Portable/Battery-Powered Equipment
Typical Application Circuit
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
GND
VDD
CT
4
23
5
RST
MR
RT9807
GND
Reset
RST
VDD
2
3
51
MR
CIN
1uF
CCT
10nF
CT
R
470k
4
VDD
RT9807-
Package Type
B : SOT-23-5
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Voltage
12 : 1.2V
13 : 1.3V
:
32 : 3.2V
33 : 3.3V
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.


Similar Part No. - RT9807

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9807 RICHTEK-RT9807 Datasheet
176Kb / 7P
Micro-Power Voltage Detector with Manual Reset
More results

Similar Description - RT9807

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
Low Power Voltage Detector
27-Jul-2006
logo
Richtek Technology Corp...
RT9807 RICHTEK-RT9807 Datasheet
176Kb / 7P
Micro-Power Voltage Detector with Manual Reset
RT9827 RICHTEK-RT9827 Datasheet
161Kb / 14P
Micro-Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
Low Power Voltage Detector
logo
Richtek Technology Corp...
RT9834 RICHTEK-RT9834 Datasheet
157Kb / 13P
Micro-Power Voltage Detector with Manual Reset
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
Low Power Voltage Detector
logo
Diodes Incorporated
APX803L DIODES-APX803L Datasheet
554Kb / 22P
MICRO POWER VOLTAGE DETECTOR
April 2016
APX809S DIODES-APX809S Datasheet
644Kb / 10P
3-PIN MICRO POWER VOLTAGE DETECTOR
February 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com