Electronic Components Datasheet Search
  English  ▼

X  

RT9807 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9807
Description  Micro-Power Voltage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9807 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9807 Datasheet HTML 1Page - Richtek Technology Corporation RT9807 Datasheet HTML 2Page - Richtek Technology Corporation RT9807 Datasheet HTML 3Page - Richtek Technology Corporation RT9807 Datasheet HTML 4Page - Richtek Technology Corporation RT9807 Datasheet HTML 5Page - Richtek Technology Corporation RT9807 Datasheet HTML 6Page - Richtek Technology Corporation RT9807 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RT9807
2
DS9807-02 December 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 4)
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
RST
Reset Output Pin. (Open drain)
2
GND
Ground Pin.
3
MR
Manual Reset Pin.
4
CT
Connect an external capacitor for setting reset timeout period.
5
VDD
Supply Voltage Input Pin.
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VDD -----------------------------------------------------------------------------------------------
−0.3V to 6V
Reset Output Voltage, RST ---------------------------------------------------------------------------------------------
−0.3V to 6V
Other Pins-------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5 -------------------------------------------------------------------------------------------------------------------- 0.4W
Package Thermal Resistance (Note 2)
SOT-23-5,
θJA --------------------------------------------------------------------------------------------------------------- 250°C/W
Junction Temperature Range -------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Timeout
Setting
Comparator
VREF
Manual
Reset
VDD
RST
CT
N-MOSFET
GND
MR
+
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com