Electronic Components Datasheet Search
  English  ▼

X  

MAX5943DEEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5943DEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943DEEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5943DEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
8
_______________________________________________________________________________________
ORing SWITCHOVER WAVEFORM
(VIN2 RISING ABOVE VIN1)
MAX5943 toc23
IIN1
500mA/div
VOUT
1V/div
10µs/div
IIN2
500mA/div
VIN1 = 12V
VON2 RISING = 12V
VIN2 = 13V
COUT = 0
ORing SWITCHOVER WAVEFORM
(VIN2 FALLING BELOW VIN1)
MAX5943 toc24
IIN1
500mA/div
VOUT
1V/div
20µs/div
IIN2
500mA/div
VIN1 = 12V
VON2 FALLING = 12V
VIN2 = 13V
COUT = 0
MAX5943A HOT PLUG-IN LOAD CAPACITANCE
INTO ACTIVE PORT (NO FAULT)
MAX5943 toc25
IIN
2A/div
VFAULT
10V/div
400µs/div
VOUT
10V/div
CLOAD = 220µF
TIM = IN
VGATE2
10V/div
MAX5943A HOT PLUG-IN LOAD CAPACITANCE
INTO ACTIVE PORT (CURRENT-LIMIT TIMEOUT)
MAX5943 toc26
IIN
1A/div
VFAULT
10V/div
400µs/div
VOUT
10V/div
CLOAD = 470µF
TIM = IN
VGATE2
10V/div
Typical Operating Characteristics (continued)
(VIN = +12V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com