Electronic Components Datasheet Search
  English  ▼

X  

MAX5943DEEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5943DEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943DEEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5943DEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5943DEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX5943 is a fully integrated power-management
IC for FireWire® applications. This device controls two
external power n-channel MOSFETs to regulate current
from the input power supply to the load and performs
low-voltage-drop, power-supply ORing. The MAX5943
operates over a 7.5V to 37V input range and provides
inrush and output current limit in addition to a diode
ORing function suitable for FireWire applications.
The MAX5943 allows the safe insertion and removal of
FireWire peripherals into a live FireWire port by providing
inrush current control and an output current-limiting func-
tion. The ORing feature provides a very efficient way to
protect the FireWire port when connected to another
FireWire peripheral that sources a higher voltage. By turn-
ing off both external MOSFETS, the MAX5943 provides a
true bidirectional load disconnect. A low-current shut-
down mode disables the MAX5943, resulting in less than
10µA supply current. A pin-selectable input allows
latched or autoretry fault management after a fault.
The MAX5943A features a current-limit function that
actively limits the current drawn by the load with a pro-
grammable timeout. The MAX5943B–MAX5943E do not
actively limit the load current but provide a circuit-breaker
function. See the Selector Guide for the default and pro-
grammable circuit-breaker timeouts.
The MAX5943 operates over the -40°C to +85°C extended
temperature range and is available in a 16-pin QSOP
package.
Applications
FireWire Desktop/Notebook Port
FireWire Peripheral Device Current Limit
FireWire Hub
Hot Swap
Features
♦ Provides Safe Hot Swap for 7.5V to 37V Power
Supplies
♦ Low-Drop Power ORing with Ultra-Fast Turn-Off
♦ Programmable Active Current Limit (MAX5943A)
♦ Programmable Circuit Breaker
(MAX5943B–MAX5943E)
♦ ±5% Current-Limit Sensing Accuracy
♦ Programmable Current-Limit/Circuit-Breaker
Timeout
♦ Fast Current-Limit Response to Output Short-
Circuit Conditions (MAX5943A)
♦ Drives External N-Channel Power MOSFETs
♦ Overcurrent Fault Status Output
♦ Latched or Autoretry Overcurrent Fault
Management
♦ 10µA Shutdown Current
♦ ON/OFF Control Allows Undervoltage Lockout
Programming
♦ Fast Load Disconnect Control Through ON Input
FireWire Current Limiter and Low-Drop
ORing Switch Controller
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
ON
IN
SENSE
GATE1
N.C.
GATE2
OUT
N.C.
GND
TOP VIEW
MAX5943
QSOP
FAULT
TIM
OR_ADJ
ILIM
LATCH
N.C.
ONQ1
Pin Configuration
Ordering Information
19-3378; Rev 0; 8/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Typical Operating Circuit and Selector Guide appear at end
of data sheet.
FireWire is a registered trademark of Apple Computers, Inc.
PART
TEMP RANGE
PIN-PACKAGE
MAX5943AEEE
-40
°C to +85°C
16 QSOP
MAX5943BEEE
-40
°C to +85°C
16 QSOP
MAX5943CEEE
-40
°C to +85°C
16 QSOP
MAX5943DEEE
-40
°C to +85°C
16 QSOP
MAX5943EEEE
-40
°C to +85°C
16 QSOP


Similar Part No. - MAX5943DEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5943DEEE MAXIM-MAX5943DEEE Datasheet
412Kb / 20P
FireWire Current Limiter and Low-Drop ORing Switch Controller
Rev 2; 10/07
More results

Similar Description - MAX5943DEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5944 MAXIM-MAX5944 Datasheet
812Kb / 15P
Dual FireWire Current Limiter and Low-Drop ORing
Rev 0; 10/04
logo
Texas Instruments
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
N1 and ORing Power Rail Controller
logo
Maxim Integrated Produc...
MAX5943 MAXIM-MAX5943_07 Datasheet
412Kb / 20P
FireWire Current Limiter and Low-Drop ORing Switch Controller
Rev 2; 10/07
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 23P
Low Voltage ORing FET Controller
December 16, 2011
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
N1 and ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
logo
Maxim Integrated Produc...
MAX5944 MAXIM-MAX5944_V01 Datasheet
933Kb / 17P
Dual FireWire Current Limiter and Low-Drop ORing Switch Controller
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com