Electronic Components Datasheet Search
  English  ▼

X  

MAX8596X Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8596X
Description  High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8596X Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8596X Datasheet HTML 1Page - Maxim Integrated Products MAX8596X Datasheet HTML 2Page - Maxim Integrated Products MAX8596X Datasheet HTML 3Page - Maxim Integrated Products MAX8596X Datasheet HTML 4Page - Maxim Integrated Products MAX8596X Datasheet HTML 5Page - Maxim Integrated Products MAX8596X Datasheet HTML 6Page - Maxim Integrated Products MAX8596X Datasheet HTML 7Page - Maxim Integrated Products MAX8596X Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
High-Efficiency, 36V Step-Up Converters
with TA Derating Option for 2 to 9 White LEDs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.0V, L = 22µH, CIN = 2.2µF, COUT = 0.1µF, CCOMP = 0.1µF, RSENSE = 13
Ω, VCTRL = 1.5V, TA = -40°C to +85°C, unless other-
wise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CS Derating Function Slope
MAX8596X, VCTRL = 3.0V, TA = +42
°C to +85°C
-5.5
mV/
°C
CTRL Input Resistance
VCTRL < 1.5V
250
500
780
k
Ω
CTRL Dual-Mode Threshold
100
170
240
mV
CTRL Dual-Mode Hysteresis
5mV
CTRL Shutdown Enable Delay
(Note 3)
6.0
8.2
10.5
ms
CS to COMP Transconductance
VCOMP = 1.5V
32
50
82
µS
COMP Input Resistance to
Ground
In shutdown, UVLO or OVLO
20
k
Ω
OSCILLATOR
Operating Frequency
0.75
1.0
1.25
MHz
PWM mode
12
Minimum Duty Cycle
Pulse skipping
0
%
Maximum Duty Cycle
CTRL = IN, CS = GND
94
95
%
n-CHANNEL SWITCH
LX On-Resistance
ILX = 190mA
0.8
1.35
Ω
TA = +25
°C
0.01
5
LX Leakage Current
VLX = 36V, CTRL = GND
TA = +85
°C1
µA
LX Current Limit
Duty cycle = 90%
500
700
900
mA
Note 1: Parameters are 100% production tested at TA = +25°C. Limits over the operating temperature range are regulated by
design and characterization.
Note 2: VD is the forward-voltage drop of the Schottky diode in Figure 1.
Note 3: Time from CTRL going below the Dual-Mode threshold to IC shutdown.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com