Electronic Components Datasheet Search
  English  ▼

X  

MAX8596X Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8596X
Description  High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8596X Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8596X Datasheet HTML 1Page - Maxim Integrated Products MAX8596X Datasheet HTML 2Page - Maxim Integrated Products MAX8596X Datasheet HTML 3Page - Maxim Integrated Products MAX8596X Datasheet HTML 4Page - Maxim Integrated Products MAX8596X Datasheet HTML 5Page - Maxim Integrated Products MAX8596X Datasheet HTML 6Page - Maxim Integrated Products MAX8596X Datasheet HTML 7Page - Maxim Integrated Products MAX8596X Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
High-Efficiency, 36V Step-Up Converters
with TA Derating Option for 2 to 9 White LEDs
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 3.6V, ILED = 25mA, L = 22µH, CIN = 2.2µF, COUT = 0.1µF, CCOMP = 0.1µF, RSENSE = 13
Ω, 4 LEDs, TA = +25°C,
unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1
OUT
Overvoltage Sense. When VOUT is greater than 38V (typ), the internal n-channel MOSFET turns off
until VOUT drops below 36V (typ), then the IC reenters soft-start. Connect a 0.1µF ceramic capacitor
from OUT to ground. In shutdown, VOUT is one diode drop below VIN.
2IN
Input Voltage Supply. The input voltage range is 2.6V to 5.5V. Connect a 2.2µF ceramic capacitor
from IN to GND.
3
CTRL
Brightness Control Input. The voltage applied to CTRL controls LED brightness. Varying the voltage
from 0.24V to 1.65V (1.72V for the MAX8596X) adjusts the brightness from dim to 100% brightness,
respectively. Any voltage above 1.65V (1.72V) does not increase brightness. Hold CTRL below
100mV to shut down the IC after an 8.2ms delay.
4CS
Current-Sense Feedback Input. Connect a resistor from CS to GND to set the LED bias current. The
voltage at CS regulates to VCTRL / 5 or 0.330V (0.343V for the MAX8596X), whichever is lower.
5
COMP
Compensation Input. Connect a 0.1µF ceramic capacitor (CCOMP) from COMP to GND. CCOMP
stabilizes the converter, controls soft-start, and lowpass filters direct PWM dimming at CTRL. CCOMP
discharges to 0V through an internal 20k
Ω resistor in shutdown.
6
GND
Ground. Connect to PGND and the exposed pad directly under the IC.
7
PGND
Power Ground. Connect to GND and the exposed pad directly under the IC.
8LX
Inductor Connection. Connect LX to the node between the inductor and the Schottky diode. LX is
high impedance in shutdown.
—EP
Exposed Pad. Connect to a large ground plane for maximum package heat dissipation. Connect
directly to GND and PGND under the IC.
DIRECT-PWM DIMMING RESPONSE
MAX8595X toc08
10
µs/div
VCTRL
2V/div
32kHz 50%
DUTY CYCLE
0
0
0
0
500mV/div
AC-COUPLED
10mA/div
20mV/div
AC-COUPLED
VIN
VOUT
ILED
CTRL STEP RESPONSE
MAX8595X toc07
20ms/div
VCTRL
1V/div
0
0
0
0
40mA/div
10V/div
100mA/div
IIN
ILED
VOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com