Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 498 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 498 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 494Page - Motorola, Inc MPX2102AP Datasheet HTML 495Page - Motorola, Inc MPX2102AP Datasheet HTML 496Page - Motorola, Inc MPX2102AP Datasheet HTML 497Page - Motorola, Inc MPX2102AP Datasheet HTML 498Page - Motorola, Inc MPX2102AP Datasheet HTML 499Page - Motorola, Inc MPX2102AP Datasheet HTML 500Page - Motorola, Inc MPX2102AP Datasheet HTML 501Page - Motorola, Inc MPX2102AP Datasheet HTML 502Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 670 page
background image
AN1556
3–352
Motorola Sensor Device Data
www.motorola.com/semiconductors
Once the above headroom requirement is met, the final step
is to determine the proper value of VREF:
13. A dc offset, VREF, is required to position the sensor’s span
within the A/D window so that no device–to–device or
temperature variation nor component tolerances cause
the sensor ’s output to be outside the A/D window.
Therefore, calculate the VREF required to ensure that the
sensor’s smallest zero–pressure offset voltage (Minimum
Offset) is greater than or equal to Vlo (refer to Figures 5
and 7). In other words, the sum of the reference voltage
and Minimum Offset must be greater than or equal to the
amplifier’s low saturation voltage:
VREF + Minimum Offset ≥ Vlo
Solving for VREF:
VREF ≥ Vlo – Minimum Offset
Note: The reference voltage, VREF, also will have variation due
to resistor tolerances in the resistor divider used to create
VREF. To ensure that the system variation due to resistor
tolerances is negligible when compared to other sources of
variation, the system should be designed using resistors with
tolerances of 1% or better.
The following design examples use the methodology.
DESIGN EXAMPLES WITH THE MPX10 AND
MPX2010
The following table lists the methodology’s steps. The table
entries (names) will correspond to the names used in the
methodology outlined above; additionally, the step number
(Step 1, etc.) is bracketed ( [ ] ) and superscripted next to the
entry to which the step refers. The first column lists the given
parameters that should be available in or derived from the
appropriate component’s (sensor, amplifier, voltage regulator,
resistors)
data
sheet.
The
second
column
lists
the
performance requirements of the sensor system (i.e., this
column lists all the calculations that relate to ensuring a
minimum sensor span to achieve the desired resolution
despite device–to–device variations, temperature effects and
component tolerances). The third column lists the calculations
that determine the headroom for the system given component
tolerances
and
the
device–to–device
variations
and
temperature effects on the sensor’s offset. The table and
associated
system
design
equations
may
easily
be
implemented in a spreadsheet to efficiently perform the
required calculations.
Table 3. Design Example Using the MPX10
Given Parameters
Performance Parameters
Headroom Parameters
MaxFSS
(mV @ 25
°C)
83
[1]Resolution (% FSS)
4.5
[7]Maximum Temperature Effect on Offset
(V)
0.03
MinFSS
(mV @ 25
°C)
33
[2]Number of Steps
44
[8]Maximum Offset Variation
(V)
1.76
TCVFSS
(% FSS/
°C)
– 0.22
[3]Minimum Required Span
(V)
0.87
[9]Minimum Offset
(V)
– 0.03
MaxSensOff
(mV @ 25
°C)
58
[4]Gain
29
[10]Maximum Offset
(V)
1.73
MinSensOff
(mV @ 25
°C)
0
[5]Maximum Span
(V)
2.57
[13]VREF
(V)
0.23
TCVoff
(
µV/°C)
±15
VS
(V)
5
[6]Calculated Headroom
(V)
1.78
[11]Required Headroom
(V)
1.75
Vhi
(V)
4.8
Vlo
(V)
0.2
[12]IS
Calculated Headroom
≥
Required Headroom ?
Vtol
(%)
5
Maxtemp
(
°C)
70
MinTemp
(
°C)
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com