Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 502 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 502 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 498Page - Motorola, Inc MPX2102AP Datasheet HTML 499Page - Motorola, Inc MPX2102AP Datasheet HTML 500Page - Motorola, Inc MPX2102AP Datasheet HTML 501Page - Motorola, Inc MPX2102AP Datasheet HTML 502Page - Motorola, Inc MPX2102AP Datasheet HTML 503Page - Motorola, Inc MPX2102AP Datasheet HTML 504Page - Motorola, Inc MPX2102AP Datasheet HTML 505Page - Motorola, Inc MPX2102AP Datasheet HTML 506Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 670 page
background image
AN1571
3–356
Motorola Sensor Device Data
www.motorola.com/semiconductors
The filter consists of two RC networks which determine two
cut–off frequencies. These two poles are carefully chosen to
ensure that the oscillation signal is not distorted or lost. The
two cut–off frequencies can be approximated by the following
equations. Figure 2 describes the frequency response of the
filter. This plot does not include the gain of the amplifier.
10
0
–10
–20
–30
–40
–50
–60
–70
–80
10
100
1
0.1
0.01
Frequency (Hz)
Figure 2. Filter Frequency Response
Oscillation Signal (1 Hz)
CP Signal (0.04 Hz)
fP1 =
1
2
pR1C1
fP2 =
1
2
pR3C2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com