Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 233 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 233 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 229Page - Motorola, Inc MPX2102AP Datasheet HTML 230Page - Motorola, Inc MPX2102AP Datasheet HTML 231Page - Motorola, Inc MPX2102AP Datasheet HTML 232Page - Motorola, Inc MPX2102AP Datasheet HTML 233Page - Motorola, Inc MPX2102AP Datasheet HTML 234Page - Motorola, Inc MPX2102AP Datasheet HTML 235Page - Motorola, Inc MPX2102AP Datasheet HTML 236Page - Motorola, Inc MPX2102AP Datasheet HTML 237Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 670 page
background image
MPX4200A SERIES
3–87
Motorola Sensor Device Data
www.motorola.com/semiconductors
ORDERING INFORMATION
Device Type
Options
Case No.
MPX Series Order No.
Marking
Basic Element
Absolute, Element
Case 867
MPX4200A
MPX4200A
Transfer Function (MPX4200A)
Nominal Transfer Value: Vout = VS x (0.005 x P – 0.04)
Nominal Transfer Value:
± (Pressure Error x Temp. Factor x 0.005 x VS)
Nominal Transfer Value: VS = 5.1 ± 0.25 Vdc
Temperature Error Band
Temp
Multiplier
– 40
3
–18
1.56
0 to 85
1
+125
2
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
MPX4200A Series
Temperature
Error
Factor
Pressure Error Band
Pressure in kPa
Pressure
Error (Max)
20 kPa
± 4.2 (kPa)
40 kPa
± 2.4 (kPa)
160 kPa
± 2.4 (kPa)
200 kPa
± 3.2 (kPa)
6.0
4.0
2.0
–2.0
– 4.0
– 6.0
60
80
100 120 140 160 180
20
40
200
MPX4200A Series
NOTE: The Temperature Multiplier is a linear response from 0
°C to –40°C and from 85°C to 125°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com