Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 234 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 234 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 230Page - Motorola, Inc MPX2102AP Datasheet HTML 231Page - Motorola, Inc MPX2102AP Datasheet HTML 232Page - Motorola, Inc MPX2102AP Datasheet HTML 233Page - Motorola, Inc MPX2102AP Datasheet HTML 234Page - Motorola, Inc MPX2102AP Datasheet HTML 235Page - Motorola, Inc MPX2102AP Datasheet HTML 236Page - Motorola, Inc MPX2102AP Datasheet HTML 237Page - Motorola, Inc MPX2102AP Datasheet HTML 238Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 670 page
background image
3–88
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
Manifold Absolute Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The Motorola MPX4250A/MPXA4250A series Manifold Absolute Pressure (MAP)
sensor for engine control is designed to sense absolute air pressure within the intake
manifold. This measurement can be used to compute the amount of fuel required for
each cylinder.
The MPX4250A/MPXA4250A series piezoresistive transducer is a state–of–the–art
monolithic silicon pressure sensor designed for a wide range of applications, particularly
those employing a microcontroller or microprocessor with A/D inputs. This transducer
combines advanced micromachining techniques, thin–film metallization and bipolar
processing to provide an accurate, high–level analog output signal that is proportional to
the applied pressure. The small form factor and high reliability of on–chip integration
make the Motorola sensor a logical and economical choice for the automotive system
engineer.
Features
• 1.5% Maximum Error Over 0° to 85°C
• Specifically Designed for Intake Manifold Absolute
Pressure Sensing in Engine Control Systems
• Patented Silicon Shear Stress Strain Gauge
• Temperature Compensated Over –40° to +125°C
• Offers Reduction in Weight and Volume Compared
to Existing Hybrid Modules
• Durable Epoxy Unibody Element or Thermoplastic
Small Outline, Surface Mount Package
• Ideal for Non–Automotive Applications
Application Examples
• Turbo Boost Engine Control
• Ideally Suited for Microprocessor or Microcontroller–
Based Systems
PINS 4, 5, AND 6 ARE NO CONNECTS FOR
UNIBODY DEVICE
PINS 1, 5, 6, 7, AND 8 ARE NO CONNECTS
FOR SMALL OUTLINE PACKAGE DEVICE
Figure 1. Fully Integrated Pressure Sensor
Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN NUMBER
NOTE: Pins 1, 5, 6, and 7 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
PORT OPTION
CASE 482
PORT OPTION
CASE 482A
4Vout
8
N/C
SMALL OUTLINE PACKAGE
MPX4250A
MPXA4250A
SERIES
INTEGRATED
PRESSURE SENSOR
20 to 250 kPa (2.9 to 36.3 psi)
0.2 to 4.9 V OUTPUT
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
BASIC CHIP
CARRIER ELEMENT
CASE 867, STYLE 1
PORT OPTION
CASE 867B, STYLE 1
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
UNIBODY PACKAGE
REV 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com