Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 591 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 591 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 587Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 588Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 589Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 590Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 591Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 592Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 593Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 594Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 595Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 670 page
background image
3–445
Motorola Sensor Device Data
www.motorola.com/semiconductors
Glossary of Terms (continued)
Range
See OPERATING PRESSURE RANGE
Repeatability
The maximum change in output under fixed operating conditions over a specified period of time.
Resolution
The maximum change in pressure required to give a specified change in the output.
Response Time
The time required for the incremental change in the output to go from 10% to 90% of its final value
when subjected to a specified step change in pressure.
Room Conditions
Ambient environmental conditions under which sensors most commonly operate.
Sensing Element
That part of a sensor which responds directly to changes in input pressure.
Sensitivity
The change in output per unit change in pressure for a specified supply voltage or current.
Sensitivity Shift
A change in sensitivity resulting from an environmental change such as temperature.
Stability
The maximum difference in the output at any pressure in the operating pressure range when this
pressure is applied consecutively under the same conditions and from the same direction.
Storage Temperature Range
The range of temperature between minimum and maximum which can be applied without causing
the sensor to fail to meet the specified operating characteristics.
Strain Gauge
A sensing device providing a change in electrical resistance proportional to the level of applied
stress.
Supply Voltage (Current)
The voltage (current) applied to the positive and negative (ground) input terminals.
Temperature Coefficient of
Full Scale Span
The percent change in full scale span per unit change in temperature relative to the full scale span
at a specified temperature.
Temperature Coefficient of
Resistance
The percent change in the DC input impedance per unit change in temperature relative to the DC
input impedance at a specified temperature.
Temperature Error
The maximum change in output at any pressure in the operating pressure range when the tempera-
ture is changed over a specified temperature range.
Temperature Hysteresis
The difference in output at any temperature in the operating temperature range when the tempera-
ture is approached from the minimum operating temperature and when approached from the
maximum operating temperature with zero pressure applied.
Thermal Offset Shift
See TEMPERATURE COEFFICIENT OF OFFSET
Thermal Span Shift
See TEMPERATURE COEFFICIENT OF FULL SCALE SPAN
Thermal Zero Shift
See TEMPERATURE COEFFICIENT OF OFFSET
Thin Film
A technology using vacuum deposition of conductors and dielectric materials onto a substrate
(frequently silicon) to form an electrical circuit.
Vacuum
A perfect vacuum is the absence of gaseous fluid.
Zero Pressure Offset
The output at zero pressure (absolute or differential, depending on the device type) for a speci-
fied supply voltage or current.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com