Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 594 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 594 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 590Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 591Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 592Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 593Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 594Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 595Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 596Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 597Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 598Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 594 / 670 page
background image
4–2
Motorola Sensor Device Data
www.motorola.com/semiconductors
Mini Selector Guide
SAFETY AND ALARM INTEGRATED CIRCUITS
Smoke Ion
Product
Operating
Voltage (V)
Horn Tone
Interconnectable
Primary Power
Source
Ordering
Suffix Note
MC14467
6 to 12
Continuous – Old Tone – 4/6
No
DC
P1
MC14468
6 to 12
Continuous – Old Tone – 4/6
Yes
AC/DC
P
MC145017
6 to 12
Temporal – New Tone – NFPA Tone
No
DC
P
MC145018
6 to 12
Temporal – New Tone – NFPA Tone
Yes
AC/DC
P
Smoke Photo
Product
Operating
Voltage (V)
Horn Tone
Interconnectable
Primary Power
Source
Ordering
Suffix Note
MC145010
6 to 12
Continuous – Old Tone – 4/6
Yes
AC/DC
P, DW, DWR2
MC145011
6 to 12
Continuous – Old Tone – 4/6
Yes
AC
P, DW, DWR2
MC145012
6 to 12
Temporal – New Tone – NFPA Tone
Yes
AC/DC
P, DW, DWR2
Comparator
Product
Operating
Voltage (V)
Description
Horn Modulation
Primary Power
Source
Ordering
Suffix Note
MC14578
3.5 to 14
Micro–Power Comparator
Plus Voltage Follower
No Horn Driver
AC/DC
P
General Alarm
Product
Operating
Voltage (V)
Description
Horn Tone(ms)
Primary Power
Source
Ordering
Suffix Note
MC14600
6.0 to 12
Alarm Detection, Horn Driver, Low
Battery Detection, LED Driver
Continuous – Old
Tone – 4/6
AC/DC
P, DW, DWR2
Note: P or P1 = 16–pin DIP, DW = SOIC 16–pin, DWR2 = SOIC 16–pin tape & reel
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com