Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 596 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 596 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 592Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 593Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 594Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 595Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 596Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 597Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 598Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 599Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 600Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 670 page
background image
MC14467-1
4–4
Motorola Sensor Device Data
www.motorola.com/semiconductors
RECOMMENDED OPERATING CONDITIONS (Voltages referenced to VSS)
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
9.0
V
Timing Capacitor
—
0.1
µF
Timing Resistor
—
8.2
M
Ω
Battery Load (Resistor or LED)
—
10
mA
ELECTRICAL CHARACTERISTICS (Voltages referenced to VSS, TA = 25°C)
Characteristic
Symbol
VDD
Vdc
Min
Typ#
Max
Unit
Operating Voltage
VDD
—
6.0
—
12
V
Output Voltage
Piezoelectric Horn Drivers (IOH = *16 mA)
Comparators (IOH = *30 µA)
Piezoelectric Horn Drivers (IOL = +16 mA)
Comparators (IOL = +30 µA)
VOH
VOL
7.2
9.0
7.2
9.0
6.3
8.5
—
—
—
8.8
—
0.1
—
—
0.9
0.5
V
V
Output Voltage — LED Driver, IOL = 10 mA
VOL
7.2
—
—
3.0
V
Output Impedance, Active Guard
Pin 14
Pin 16
Lo–Z
Hi–Z
9.0
9.0
—
—
—
—
10
1000
k
Ω
Operating Current (Rbias = 8.2 MΩ)
IDD
9.0
12.0
—
—
5.0
—
9.0
12.0
µA
Input Current — Detect (40% R.H.)
Iin
9.0
—
—
"1.0
pA
Internal Set Voltage
Low Battery
Sensitivity
Vlow
Vset
9.0
—
7.2
47
—
50
7.8
53
V
%VDD
Hysteresis
vhys
9.0
75
100
150
mV
Offset Voltage (measured at Vin = VDD/2)
Active Guard
Detect Comparator
VOS
9.0
9.0
—
—
—
—
"100
"50
mV
Input Voltage Range, Pin 8
Vin
—
VSS –10
—
VDD + 10
V
Input Capacitance
Cin
—
—
5.0
—
pF
Common Mode Voltage Range, Pin 15
Vcm
—
0.6
—
VDD
*2
V
# Data labelled “Typ’’ is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com