Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 595 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 595 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 591Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 592Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 593Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 594Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 595Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 596Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 597Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 598Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 599Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 670 page
background image
4–3
Motorola Sensor Device Data
www.motorola.com/semiconductors
Low–Power CMOS
Ionization Smoke Detector IC
The MC14467–1, when used with an ionization chamber and a small number of
external components, will detect smoke. When smoke is sensed, an alarm is sounded
via an external piezoelectric transducer and internal drivers. This circuit is designed to
operate in smoke detector systems that comply with UL217 and UL268 specifications.
• Ionization Type with On–Chip FET Input Comparator
• Piezoelectric Horn Driver
• Guard Outputs on Both Sides of Detect Input
• Input–Production Diodes on the Detect Input
• Low–Battery Trip Point, Internally Set, can be Altered Via External Resistor
• Detect Threshold, Internally Set, can be Altered Via External Resistor
• Pulse Testing for Low Battery Uses LED for Battery Loading
• Comparator Outputs for Detect and Low Battery
• Internal Reverse Battery Protection
MAXIMUM RATINGS* (Voltages referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
*0.5 to + 15
V
Input Voltage, All Inputs Except Pin 8
Vin
*0.25 to VDD + 0.25
V
DC Current Drain per Input Pin, Except Pin 15 = 1 mA
I
10
mA
DC Current Drain per Output Pin
I
30
mA
Operating Temperature Range
TA
*10 to +60
°C
Storage Temperature Range
Tstg
*55 to + 125
°C
Reverse Battery Time
tRB
5.0
s
* Maximum Ratings are those values beyond which damage to the device may occur.
This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal
precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. For proper operation
it is recommended that except for pin 8, Vin and Vout be constrained to the range VSS v (Vin or Vout) v VDD. For pin 8, refer to the Electrical
Characteristics.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC14467-1
P SUFFIX
PLASTIC DIP
CASE 648–08
PIN ASSIGNMENT
(16 PIN DIP)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Detect
Comp. Out
N/C
Low V Set
Low V
Comp. Out
LED
VDD
Timing
Resistor
Feedback
Guard Hi–Z
Detect Input
Guard Lo–Z
Sensitivity Set
Osc Capacitor
Silver
Brass
VSS
ORDERING INFORMATION
MC14467P1
PLASTIC DIP
1
16
REV 3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com