Electronic Components Datasheet Search
  English  ▼

X  

PS391 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PS391
Description  Precision, Quad, SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS391 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PS391 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 10Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 11Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PS391/PS392/PS393
Precision, Quad, SPST Analog Switches
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
8
PS8168E
09/16/02
Typical Operating Characteristics (TA= + 25ºC, unless otherwise noted)
V
4
02
-4
-2
4
28
24
20
16
12
8
COM(V)
TA = +85
C
V+ = +5V
V- = 5V
TA = +25
C
TA = -55
C
RONvs.VCOM& Supply Voltages
V
48
02
6
-4
-6
-2
-8
4
28
–3V
–5V
–8V
24
20
16
12
8
COM(V)
RON vs. VCOM & Supply Voltages
RONvs.VCOM(SingleSupply)
V
12
0
2
468
10
10
80
60
40
20
COM(V)
V+ = 3V
V+ = 5V
V- = 0V
V+ = 12V
RONvs.VCOM andTemperature(SingleSupply)
V
45
23
1
0
0
60
50
40
30
20
10
COM(V)
V+ = +5V
V- = 0V
TA = +85 C
TA = +25 C
TA = -55 C
Charge Injection vs. Analog Voltage
Leakage Current vs. VCOM
2.5
5.0
0
-2.5
-5.0
-5
20
15
10
5
0
VCOM Voltage (V)
–5V Supply
+5V Supply
-2.5
-1
0
-2
+1
+2
2.5
5
-5
0
COM
V
(V)
ICOM(OFF)
ICOM(ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com