Electronic Components Datasheet Search
  English  ▼

X  

PS391 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PS391
Description  Precision, Quad, SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS391 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PS391 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 10Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 11Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PS391/PS392/PS393
Precision, Quad, SPST Analog Switches
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
10
PS8168E
09/16/02
TestCircuits/TimingDiagrams
Figure 1. Switching Time
Figure 2. Break-Before-Make Interval (PS393 only)
Figure 3. Charge Injection
V+
+12V
NO
GND
or NC
COM
V
COM =
+3V(for ton),
-3V(for toff)
Logic
Input
IN
tr <20ns
tf <20ns
VOUT = VCOM
RL
RL + RON
()
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VOUT
RL
300
Ω
CL
35pF
LOGIC INPUT WAVEFORMS INVERTED FOR
SWITCHES THAT HAVE OPPOSITE LOGIC
t
OFF
t
ON
V
OUT
90%
Logic
Input
Switch
Output
+3V
0V
0V
50%
90%
V+
+5V
NO
GND
-5V
V-
COM
V
COM1= +3V
IN
RL= 300Ω
CL = 35pF
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VOUT1
RL2
CL2
t
D
t
D
90%
90%
VOUT3
Logic
Input
Switch
Output 1
(VOUT1)
+3V
0V
0V
50%
NC
COM
V
COM3= +3V
Logic
Input
RL1
CL1
0V
Switch
Output3
(VOUT3)
V+
+5V
NO or
GND
-5V
V-
NC
COM
R
GEN
VOUT
CL
1nF
V
OUT
∆V
OUT
IN
V
GEN
ON
ON
OFF
OFF
OFF
OFF
IN
Q = (
∆V
OUT)(CL)
IN
Logic
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com