Electronic Components Datasheet Search
  English  ▼

X  

RT5508WSC Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT5508WSC
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508WSC Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT5508WSC Datasheet HTML 30Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 31Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 32Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 33Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 34Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 35Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 36Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 37Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 38Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
34
ADDR
Byte
Bits
R/W
Name
Description
Default
0x1F
1
7:4
R/W
BST_THT1
0000 : Disabled
0001 : 3.1 V
0010 : 3.3 V
0011 : 3.5 V
0100 : 3.7 V
0101 : 3.9 V
0110 : 4.1 V
0111 : 4.3 V
1000 : 4.5 V
1001 : 4.7 V
1010 : 4.9 V
1011 : 5.1 V
1100 : 5.3 V
Others : Rsvd
4’b0000
3:0
R/W
BST_TH1
0000 : disabled
0001 : 1.5 V
0010 : 1.7 V
0011 : 1.9 V
0100 :2.1 V
0101 : 2.3 V
0110 : 2.5 V
0111 : 2.7 V
1000 : 2.9 V
1001 : 3.1 V
1010 : 3.3 V
1011 : 3.5 V
1100 : 3.7 V
1101 : 3.9 V
Others : Rsvd
4’b0000
0x20
1
7:4
R/W
BST_THT2
Same definition as BST_THT1
4’b0000
3:0
R/W
BST_TH2
Same definition as BST_TH1
4’b0000
0x21
1
7:4
R/W
BST_THT3
Same definition as BST_THT1
4’b0000
3:0
R/W
BST_TH3
Same definition as BST_TH1
4’b0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com