Electronic Components Datasheet Search
  English  ▼

X  

RT5508WSC Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT5508WSC
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508WSC Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT5508WSC Datasheet HTML 12Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 13Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 14Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 15Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 16Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 17Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 18Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 19Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
16
Data (I
2S) Interface
Data Format
The I2S formats supported by the RT5508 are listed below :
Interface
Data Format
BCK Frequency
I2S Standard
up to 16-bit
32fs
I2S Standard
up to 24-bit
48fs
I2S Standard
up to 24-bit
64fs
MSB-justified
up to 16-bit
32fs
MSB-justified
up to 24-bit
48fs
MSB-justified
up to 24-bit
64fs
LSB-justified(16-bit)
16-bit
32fs
LSB-justified(16-bit)
16-bit
48fs
LSB-justified(16-bit)
16-bit
64fs
LSB-justified(20-bit)
20-bit
48fs
LSB-justified(20-bit)
20-bit
64fs
LSB-justified(24-bit)
24-bit
48fs
LSB-justified(24-bit)
24-bit
64fs
fs : 8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz, 88.2kHz, 96kHz
I
2S Sampling Rate
I2S can support sampling rate of 8kHz, 11.025kHz,
12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz,
48kHz, 88.2kHz, 96kHz. As shown in Figure 10, the
sampling rate conversion block is applied to convert the
data to internal working sampling rate, that is 44.1kHz
or 48KHz. In stereo mode, the gain between two paths
can be passed through each other.
SRC
D
I sense
PreFilter
SPK
Protect
I
2
S
gain
SRC
gain
signal
Figure 10. Sampling Rate
Setting I2SFORMAT/I2SRATE
I2S data format and fs can be set by I2SFOMAT and
I2SRATE at register 0x04 to 0x05.
RT5508 should be configured to power down or
suspend
mode
before
changing
I2SFORMAT/
I2SRATE.
Input Path
I2S input interface is shown in Figure 11. An internal
mux select for two audio sources are supported. DATAI
is used to provide stereo or pass-through application
and uses BCK1/2, LRCK1/2 as its clock and word
select signal. The active I2S input is selected by I2SDIS
and I2SCHS at register 0x06. After selecting I2S input
source, I2SLRS can be used to decide which channel
(left, right or mixed) is sent to bi-quads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com