Electronic Components Datasheet Search
  English  ▼

X  

RT9554A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9554A
Description  Battery Output Current Sense Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9554A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9554A Datasheet HTML 1Page - Richtek Technology Corporation RT9554A Datasheet HTML 2Page - Richtek Technology Corporation RT9554A Datasheet HTML 3Page - Richtek Technology Corporation RT9554A Datasheet HTML 4Page - Richtek Technology Corporation RT9554A Datasheet HTML 5Page - Richtek Technology Corporation RT9554A Datasheet HTML 6Page - Richtek Technology Corporation RT9554A Datasheet HTML 7Page - Richtek Technology Corporation RT9554A Datasheet HTML 8Page - Richtek Technology Corporation RT9554A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9554A
4
DS9554A-00
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
FLAG Pull Low Voltage
ISINK = 10mA
--
--
0.1
V
VBAT_REF = 0.4V
--
--
15
%
VBAT_REF = 0.8V
--
--
10
%
Input Current Sensing
Accuracy
CSacc
VBAT_REF = 2V
--
--
5
%
FLAG Leakage Current
Ileak_FLAG
EN Low
--
--
5
A
OCSET Comparator
BAT_REF Leakage Current
Ileak_BAT_REF
EN Low
--
--
5
A
BAT_REF Input Range
VBAT_REF
0.4
--
2
V
AC_REAL & AC_REF Comparator
Comparator Offset
VOS_AL_CMP
VAC_REAL = 0.3V to 2V
--
--
10
mV
AC_REAL Input Range
VAC_REAL
0.3
--
2
V
AC_REF Input Range
VAC_REF
0.3
--
2
V
Comparator Response Time
VAC_REAL > VAC_REF
FLAG go low
--
--
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com