Electronic Components Datasheet Search
  English  ▼

X  

RT9554A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9554A
Description  Battery Output Current Sense Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9554A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9554A Datasheet HTML 1Page - Richtek Technology Corporation RT9554A Datasheet HTML 2Page - Richtek Technology Corporation RT9554A Datasheet HTML 3Page - Richtek Technology Corporation RT9554A Datasheet HTML 4Page - Richtek Technology Corporation RT9554A Datasheet HTML 5Page - Richtek Technology Corporation RT9554A Datasheet HTML 6Page - Richtek Technology Corporation RT9554A Datasheet HTML 7Page - Richtek Technology Corporation RT9554A Datasheet HTML 8Page - Richtek Technology Corporation RT9554A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9554A
®
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9554A-00
June 2014
www.richtek.com
1
Applications
Notebooks
Battery Output Current Sense Protection IC
Simplified Application Circuit
Marking Information
Pin Configurations
(TOP VIEW)
WDFN-8L 2x2
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT9554A
Package Type
QW : WDFN-8L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
2CW
2C : Product Code
W : Date Code
General Description
The RT9554A is designed for over-current detection. The
current sense amplifier amplifies the voltage across resistor
which is connected between CSP and CSN by 200. The
amplified voltage is compared with the voltage of BAT_REF
and check whether over-current happens or not. The
RT9554A also provides a comparator with two input pins,
AC_REAL and AC_REF for users. There is an output pin
FLAG as an indicator which is a N-MOSFET in open-drain
configuration. Users can connect one resistor between
the FLAG pin and supply voltage. Either over-current
condition occurs or the AC_REAL voltage is larger than
the AC_REF voltage, the FLAG is pulled low. The RT9554A
is a available in the WDFN-8L 2x2 package.
Features
Common Mode Input Range up to 24V
VCC Operating Current : 200
μA
VCC Shutdown Current : 5
μμμμμA (under S3/S4/S5)
Programmable Over-Current Level
FLAG Signal goes Low when OCP
RoHS Compliant and Halogen Free
CSN
RT9554A
CSP
Output
Input
VCC
EN
BAT_REF
RSENSE
5V
0V
FLAG
1.05V
AC_REAL
AC_REF
3.3V
VCC
AC_REF
EN
CSP
CSN
BAT_REF
AC_REAL
7
6
5
1
2
3
4
8
9
FLAG


Similar Part No. - RT9554A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9553A RICHTEK-RT9553A Datasheet
137Kb / 12P
High Accuracy Current/Voltage Sensing and Protection IC
RT9553AGQW RICHTEK-RT9553AGQW Datasheet
137Kb / 12P
High Accuracy Current/Voltage Sensing and Protection IC
More results

Similar Description - RT9554A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8204A SII-S8204A Datasheet
650Kb / 34P
BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
BATTERY PROTECTION IC
logo
Seiko Instruments Inc
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
BATTERY PROTECTION IC
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
BATTERY PROTECTION IC
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
BATTERY PROTECTION IC
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
Battery Protection IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
battery protection IC
logo
Maxim Integrated Produc...
MAX9937 MAXIM-MAX9937 Datasheet
1Mb / 11P
Current-Sense Amplifier with Reverse-Battery Protection
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com