Electronic Components Datasheet Search
  English  ▼

X  

MMSZ5232BS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMSZ5232BS
Description  200 mW, SOD-323 Series Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMSZ5232BS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMSZ5232BS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ5232BS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ5232BS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMSZ5232BS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
MMSZ52XXBS Series
200 mW,
SOD-323 Series
Surface Mount Zener Diodes
06-Jun-2017 Rev. D
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Planar Die Construction
General Purpose Dissipation
Ideally Suited for Automated Assembly Process
PACKAGING INFORMATION
Case: SOD-323, Plastic
Case Material – UL Flammability Rating Classification 94V-0
Moisture Sensitivity: Level 1 per J-STD-020A
Terminals: Solderable per MIL-STD-020, Method 208
Polarity: Cathode Band
Weight: 0.005 grams(approx.)
MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Forward Voltage @ IF=10mA
1
VF
1.0
V
Power Dissipation
2
PD
200
mW
Thermal Resistance Junction to Ambient Air
2
RθJA
650
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-65 ~ 150
°C
Notes:
1.
Short duration test pulse used in minimizing self-heating effect.
2.
Device mount on ceramic PCB; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm
2
SOD-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
F
1.15
1.45
B
0.20 REF.
G
1.6
1.8
C
0.80
1.00
H
2.30
2.75
D
0.25
0.40
J
0.475 REF
E
0.080
0.180


Similar Part No. - MMSZ5232BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5232BS PANJIT-MMSZ5232BS Datasheet
78Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMSZ5232BS DIODES-MMSZ5232BS Datasheet
61Kb / 3P
SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
MMSZ5232BS DIODES-MMSZ5232BS Datasheet
456Kb / 4P
SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
logo
Won-Top Electronics
MMSZ5232BS WTE-MMSZ5232BS Datasheet
75Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
MMSZ5232BS PANJIT-MMSZ5232BS Datasheet
79Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5232BS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z2V4ST1 ONSEMI-MM5Z2V4ST1_06 Datasheet
48Kb / 4P
Zener Voltage Regulators 200 mW SOD-523 Surface Mount
April, 2006 ??Rev. 6
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G Datasheet
99Kb / 4P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G_11 Datasheet
98Kb / 4P
Zener Voltage Regulators 200 mW SOD.923 Surface Mount
June, 2011 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
logo
SeCoS Halbleitertechnol...
BZX84CXXXW SECOS-BZX84CXXXW Datasheet
58Kb / 2P
200 mW SOT-323 Series Surface Mount Zener Voltage Regulator Diodes
MM5Z SECOS-MM5Z Datasheet
76Kb / 4P
100 mW, SOD-523 Series Surface Mount Zener Diodes
logo
Leshan Radio Company
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com