Electronic Components Datasheet Search
  English  ▼

X  

MMSZ5232BS Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMSZ5232BS
Description  200 mW, SOD-323 Series Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMSZ5232BS Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMSZ5232BS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ5232BS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ5232BS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMSZ5232BS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
MMSZ52XXBS Series
200 mW,
SOD-323 Series
Surface Mount Zener Diodes
06-Jun-2017 Rev. D
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Fig.1 ZENER VOLTAGE VERSUS ZENER CURRENT
Fig.2 ZENER VOLTAGE VERSUS ZENER CURRENT
ZENER VOLTAGE, VOLTS
ZENER VOLTAGE, VOLTS
0
10
-5
10
-4
10
-3
10
-2
10
-1
2
4
68
10
12
2.4V
3.0V
4.7V
6.8V
10V
15V
10
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
15
20
25
30
35
40
45
30V
39V
20V
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
-2
-3
100
10
1
1000
100
10
1
IZ =1mA
5mA
20 mA
TJ=25 C
O
IZ(AC)=0.1I
F=1 kHZ
Z(DC)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
100
10
1
10
100
Fig.3 TEMPERATURE COEFFICENTS
Fig.4 TEMPERATURE COEFFICENTS
Fig.6 TYPICAL FORWARD VOLTAGE
Fig.5 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
NOMINAL ZENER VOLTAGE,VOLTS
NOMINAL ZENER VOLTAGE,VOLTS
FORWARD VOLTAGE, VOLTS
NORMAL ZENER VOLTAGE, VOLTS
CHARACTERISTIC CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com