Electronic Components Datasheet Search
  English  ▼

X  

TM58P05 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TM58P05
Description  TM58P05
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TM58P05 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TM58P05 Datasheet HTML 9Page - List of Unclassifed Manufacturers TM58P05 Datasheet HTML 10Page - List of Unclassifed Manufacturers TM58P05 Datasheet HTML 11Page - List of Unclassifed Manufacturers TM58P05 Datasheet HTML 12Page - List of Unclassifed Manufacturers TM58P05 Datasheet HTML 13Page - List of Unclassifed Manufacturers TM58P05 Datasheet HTML 14Page - List of Unclassifed Manufacturers TM58P05 Datasheet HTML 15Page - List of Unclassifed Manufacturers TM58P05 Datasheet HTML 16Page - List of Unclassifed Manufacturers TM58P05 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TM58P05
tenx technology, inc.
Rev:1.0 Page:13/13
在高級模式中提供了中斷請求, 方便叫醒功能和靈活尋址模式。除擴充數據存儲器之外, 還
增加了 3 個支持中斷請求和叫醒功能的寄存器。 這一節將介紹這些增加的控制寄存器和字符
特性。高級模式的數據存儲器映像和尋址映像如圖 5-7 和圖 5-8 所示:
高級模式( Type=1 )
00~1F
20~3F
00h
IAR
WAKE_UP
01h
TMR0
IRQM
02h
PC
IRQF
03h
STATUS
04h
FSR
05h
PORTA
06h
PORTB
Unimplemented
General Purpose
Register
07-0F
General Purpose Register
28-2F
17+16=33
General Purpose
Register
10-1F
Unimplemented
圖 5-7 高級模式數據存儲器映像
u
圖 5-8 直接尋址和間接尋址映像
0
FSR
5
0
Operand
Location select
Select location
5
直接尋址模式
間接尋址模式
00
07
Unimplemented
08
1F
28
3F
20
21
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com