Electronic Components Datasheet Search
  English  ▼

X  

SCG3139K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG3139K
Description  -0.66 A, -20 V, RDS(O%) 520 m(ohm) P Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG3139K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCG3139K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG3139K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG3139K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SCG3139K
-0.66 A, -20 V, RDS(O ) 520 mΩ
Ω
Ω
Ω
P Channel Enhancement MOSFET
16-Jan-2017 Rev.A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low on-resistance
Fast switching speed
Drive circuits can be simple
Parallel use is easy
Low voltage drive makes this device ideal for
portable equipment
APPLICATION
Interfacing
Switching
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
1
ID
-0.66
A
Pulsed Drain Current (tp=10µs)
IDM
-1.2
A
Total Power Dissipation
1
PD
150
mW
Lead Temperature for Soldering Purposes
(1/8” from case for 10S)
TL
260
°C
Operating Junction & Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Thermal Resistance Ratings
Thermal Resistance Junction-ambient
1
RθJA
833
°C / W
Notes:
1.
Surface mounted on FR4 board using the minimum recommended pad size.
39K
Top View
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.7
0.9
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.35
M
0.25
0.35
SOT-523


Similar Part No. - SCG3139K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCG3139K-C SECOS-SCG3139K-C Datasheet
246Kb / 3P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SCG3139K

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
20 V P-Channel Enhancement Mode MOSFET
logo
SeCoS Halbleitertechnol...
SDN520C SECOS-SDN520C Datasheet
84Kb / 2P
N-Ch: 4.5 A, 20 V, RDS(ON) 58 m P-Ch: -4.5 A, -20 V, RDS(ON) 112 m N & P-Channel Enhancement Mode MOSFET
SMG2305P_1108 SECOS-SMG2305P_1108 Datasheet
71Kb / 2P
-4.5A , -20V , RDS(ON) 43 m P-Channel Enhancement MOSFET
SSPS7333P SECOS-SSPS7333P Datasheet
124Kb / 2P
-10.9 A , -30 V , RDS(ON) 20 m P-Ch Enhancement Mode Power MOSFET
logo
Shenzhen Jin Yu Semicon...
XP152A12COMR HTSEMI-XP152A12COMR Datasheet
2Mb / 4P
20 V P-Channel Enhancement Mode MOSFET
logo
Renesas Technology Corp
UPA2631T1R RENESAS-UPA2631T1R Datasheet
247Kb / 7P
P-CHANNEL MOSFET -20 V, -8.0 A, 32 m
logo
SeCoS Halbleitertechnol...
SCG4153S SECOS-SCG4153S Datasheet
456Kb / 3P
0.915 A, 20 V, RDS(on) 570 m(ohm) N Channel Enhancement MOSFET
SDT2P02 SECOS-SDT2P02 Datasheet
222Kb / 4P
-2.2A, -20V, RDS(ON) 200 m(ohm) Dual-P Enhancement Mode MOSFET
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
NTTFS004P02P8 ONSEMI-NTTFS004P02P8 Datasheet
321Kb / 7P
MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 4 m
June, 2023 - Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com