Electronic Components Datasheet Search
  English  ▼

X  

SCG3139K Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG3139K
Description  -0.66 A, -20 V, RDS(O%) 520 m(ohm) P Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG3139K Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCG3139K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG3139K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG3139K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SCG3139K
-0.66 A, -20 V, RDS(O ) 520 mΩ
Ω
Ω
Ω
P Channel Enhancement MOSFET
16-Jan-2017 Rev.A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
-20
-
-
V
VGS=0, ID= -250µA
Zero Gate Voltage Drain Current
IDSS
-
-
-1
µA
VDS= -20V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±20
µA
VDS=0, VGS=±10V
Gate Threshold Voltage
1
VGS(th)
-0.35
-
-1.1
V
VDS= VGS, ID= -250µA
-
-
520
VGS= -4.5V, ID=1A
-
-
700
VGS= -2.5V, ID= -0.8A
Drain-Source On-Resistance
1
RDS(ON)
-
950
-
m
VGS= -1.8V, ID= -0.5A
Forward Transconductance
1
gfs
-
1.2
-
S
VDS= -10V, ID= -0.54A
Diode forward voltage
VSD
-
-
-1.2
V
IS= -0.5A, VDS=0
Dynamic Characteristics
Input Capacitance
Ciss
-
113
-
Output Capacitance
Coss
-
15
-
Reverse Transfer Capacitance
Crss
-
9
-
pF
VDS= -16V,
VGS=0
f=1MHz
Switching Characteristics
2
Turn-On Delay Time
Td(on)
-
9
-
Rise Time
Tr
-
5.8
-
Turn-Off Delay Time
Td(off)
-
32.7
-
Fall Time
Tf
-
20.3
-
nS
VDS= -10V
ID= -200mA
VGS= -4.5V
RGEN=10
Notes:
1.
Pulse Test : Pulse Width=300µs, Duty Cycle=2%.
2.
Switching characteristics are independent of operating junction temperatures.
.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com