Electronic Components Datasheet Search
  English  ▼

X  

X9111 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9111
Description  Single Digitally-Controlled Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9111 Datasheet(HTML) 1 Page - Xicor Inc.

  X9111 Datasheet HTML 1Page - Xicor Inc. X9111 Datasheet HTML 2Page - Xicor Inc. X9111 Datasheet HTML 3Page - Xicor Inc. X9111 Datasheet HTML 4Page - Xicor Inc. X9111 Datasheet HTML 5Page - Xicor Inc. X9111 Datasheet HTML 6Page - Xicor Inc. X9111 Datasheet HTML 7Page - Xicor Inc. X9111 Datasheet HTML 8Page - Xicor Inc. X9111 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
REV 1.1.15 5/9/03
Characteristics subject to change without notice.
1 of 21
www.xicor.com
X9111
Single Digitally-Controlled (XDCP™) Potentiometer
FEATURES
• 1024 Resistor Taps – 10-Bit Resolution
• SPI Serial Interface for write, read, and transfer
operations of the potentiometer
• Wiper Resistance, 40
Ω Typical @ 5V
• Four Non-Volatile Data Registers
• Non-Volatile Storage of Multiple Wiper Positions
• Power On Recall. Loads Saved Wiper Position on
Power Up.
• Standby Current < 3µA Max
•VCC: 2.7V to 5.5V Operation
• 100K
Ω End to End Resistance
• 100 yr. Data Retention
• Endurance: 100, 000 Data Changes Per Bit Per
Register
• 14-Lead TSSOP, 15-Lead CSP (Chip Scale
Packaging)
• Low Power CMOS
• Single Supply version of the X9110
DESCRIPTION
The X9111 integrates a single digitally controlled
potentiometer
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 1023 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
SPI bus interface. The potentiometer has associated
with it a volatile Wiper Counter Register (WCR) and
four non-volatile Data Registers that can be directly
written to and read by the user. The contents of the
WCR controls the position of the wiper on the resistor
array though the switches. Powerup recalls the
contents of the default data register (DR0) to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
Single Supply / Low Power / 1024-tap / SPI bus
APPLICATION NOTES AND DEVELOPMENT SYSTEM
A V A I L A B L E
AN99 • AN115 • AN124 •AN133 • AN134 • AN135
FUNCTIONAL DIAGRAM
RH
RL
Bus
RW
Interface &
Control
POT
VCC
VSS
SPI
Bus
Address
Data
Status
Write
Read
Wiper
1024-taps
Transfer
NC
100K
Ω
Power On Recall
Wiper Counter
Register (WCR)
Data Registers
(DR0-DR3)
Control
Interface
Preliminary Information


Similar Part No. - X9111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
Single Supply/Low Power/1024-Tap/SPI Bus
March 25, 2005
X9111 INTERSIL-X9111 Datasheet
323Kb / 17P
Single Digitally-Controlled (XDCP?? Potentiometer
September 15, 2006
X9111 INTERSIL-X9111 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
327Kb / 17P
Single Digitally-Controlled (XDCP) Potentiometer
September 15, 2006
More results

Similar Description - X9111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
Single Digitally Controlled Potentiometer
March 8, 2005
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
Single Digitally Controlled Potentiometer
August 31, 2006
X9314 INTERSIL-X9314_06 Datasheet
216Kb / 9P
Single Digitally Controlled Potentiometer
September 5, 2006
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
Single Digitally Controlled Potentiometer
April 26, 2006
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
Single Digitally-Controlled Potentiometer
February 13, 2008
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
Single Digitally-Controlled Potentiometer
April 9, 2014
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
Single Digitally-Controlled Potentiometer
July 9, 2008
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
Single Digitally Controlled Potentiometer
July 24, 2014
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
Single Digitally Controlled Potentiometer
October 13, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com