Electronic Components Datasheet Search
  English  ▼

X  

X9111 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9111
Description  Single Digitally-Controlled Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9111 Datasheet(HTML) 3 Page - Xicor Inc.

  X9111 Datasheet HTML 1Page - Xicor Inc. X9111 Datasheet HTML 2Page - Xicor Inc. X9111 Datasheet HTML 3Page - Xicor Inc. X9111 Datasheet HTML 4Page - Xicor Inc. X9111 Datasheet HTML 5Page - Xicor Inc. X9111 Datasheet HTML 6Page - Xicor Inc. X9111 Datasheet HTML 7Page - Xicor Inc. X9111 Datasheet HTML 8Page - Xicor Inc. X9111 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
X9111
– Preliminary Information
Characteristics subject to change without notice.
3 of 21
REV 1.1.15 5/9/03
www.xicor.com
PIN CONFIGURATION
PIN ASSIGNMENTS
Pin
(TSSOP)
Pin
(CSP)
Symbol
Function
1
A3
SO
Serial Data Output
2
B3
A0
Device Address
3
B2, C2
NC
No Connect
4C3
CS
Chip Select
5
D3
SCK
Serial Clock
6
E3
SI
Serial Data Input
7E2
VSS
System Ground
8D2
WP
Hardware Write Protect
9
E1
A1
Device Address
10
D1
HOLD
Device Select. Pause the Serial Bus
11
C1
RW
Wiper Terminal of the Potentiometer
12
B1
RH
High Terminal of the Potentiometer
13
A1
RL
Low Terminal of the Potentiometer
14
A2
VCC
System Supply Voltage
VCC
RL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
NC
RW
CS
A1
TSSOP
RH
CSP
A0
SO
SI
HOLD
SCK
X9111
WP
X9111
A
B
C
D
E
RL
VCC
SO
RH
NC
A0
RW
NC
CS
HOLD
WP
SCK
A1
VSS
SI
32
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com